Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8803PEEYL Datasheet(PDF) 8 Page - Analog Microelectronics

No. de pieza AME8803PEEYL
Descripción Electrónicos  300mA CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8803PEEYL Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8803PEEYL Datasheet HTML 4Page - Analog Microelectronics AME8803PEEYL Datasheet HTML 5Page - Analog Microelectronics AME8803PEEYL Datasheet HTML 6Page - Analog Microelectronics AME8803PEEYL Datasheet HTML 7Page - Analog Microelectronics AME8803PEEYL Datasheet HTML 8Page - Analog Microelectronics AME8803PEEYL Datasheet HTML 9Page - Analog Microelectronics AME8803PEEYL Datasheet HTML 10Page - Analog Microelectronics AME8803PEEYL Datasheet HTML 11Page - Analog Microelectronics AME8803PEEYL Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AME
8
300mA CMOS LDO
AME8803 / 8814
Rev.I.02
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM B: 2000V~3999V
* Measure
θ
JC on center of molding compound if IC has no tab.
** MIL-STD-202G 210F
Parameter
Maximum
Unit
Input Voltage
8
V
Output Current
PD / (VIN - VO)
mA
Input, Output Voltage
GND - 0.3 to VIN + 0.3
V
ESD Classification
B*
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Conductive Epoxy
81
Non-Conductive
Epoxy
140
Conductive Epoxy
260
Non-Conductive
Epoxy
280
Conductive Epoxy
400
Non-Conductive
Epoxy
400
150
350
Thermal Resistance
(Junction to Ambient)
Internal Power Dissipation
Maximum Junction Temperature
Solder Iron (10 Sec)**
oC / W
SOT-26
θJA
θJC
PD
mW
oC
Thermal Resistance*
(Junction to Case)
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC


Número de pieza similar - AME8803PEEYL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
AME8803AEEY AME-AME8803AEEY Datasheet
117Kb / 13P
   300mA CMOS LDO
AME8803BEEY AME-AME8803BEEY Datasheet
117Kb / 13P
   300mA CMOS LDO
AME8803CEEY AME-AME8803CEEY Datasheet
117Kb / 13P
   300mA CMOS LDO
AME8803DEEY AME-AME8803DEEY Datasheet
117Kb / 13P
   300mA CMOS LDO
More results

Descripción similar - AME8803PEEYL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com