Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8800IEEVZ Datasheet(PDF) 5 Page - Analog Microelectronics |
|
AME8800IEEVZ Datasheet(HTML) 5 Page - Analog Microelectronics |
5 / 36 page AME 5 AME8800 / 8811 300mA CMOS LDO Rev.T.05 n Ordering Information (contd.) Part Number Marking* Output Voltage Package Operating Ambient Temperature Range AME8800GEET ACDww 3.5V SOT-23 - 40 oC to +85oC AME8800GEETL ACDww 3.5V TSOT-23 - 40 oC to +85oC AME8800GEETZ ACDww 3.5V SOT-23 - 40 oC to +85oC AME8800GEETY ACDww 3.5V TSOT-23 - 40 oC to +85oC AME8800HEET AEDww 2.7V SOT-23 - 40 oC to +85oC AME8800HEETL AEDww 2.7V TSOT-23 - 40 oC to +85oC AME8800HEETZ AEDww 2.7V SOT-23 - 40 oC to +85oC AME8800HEETY AEDww 2.7V TSOT-23 - 40 oC to +85oC AME8800IEET AELww 3.4V SOT-23 - 40 oC to +85oC AME8800IEETL AELww 3.4V TSOT-23 - 40 oC to +85oC AME8800IEETZ AELww 3.4V SOT-23 - 40 oC to +85oC AME8800IEETY AELww 3.4V TSOT-23 - 40 oC to +85oC AME8800JEET AGNww 2.85V SOT-23 - 40 oC to +85oC AME8800JEETL AGNww 2.85V TSOT-23 - 40 oC to +85oC AME8800JEETZ AGNww 2.85V SOT-23 - 40 oC to +85oC AME8800JEETY AGNww 2.85V TSOT-23 - 40 oC to +85oC AME8800KEET AHPww 3.7V SOT-23 - 40 oC to +85oC AME8800KEETL AHPww 3.7V TSOT-23 - 40 oC to +85oC AME8800KEETZ AHPww 3.7V SOT-23 - 40 oC to +85oC AME8800KEETY AHPww 3.7V TSOT-23 - 40 oC to +85oC AME8800LEET AJWww 1.5V SOT-23 - 40 oC to +85oC AME8800LEETL AJWww 1.5V TSOT-23 - 40 oC to +85oC AME8800LEETZ AJWww 1.5V SOT-23 - 40 oC to +85oC AME8800LEETY AJWww 1.5V TSOT-23 - 40 oC to +85oC AME8800MEET AJXww 1.8V SOT-23 - 40 oC to +85oC AME8800MEETL AJXww 1.8V TSOT-23 - 40 oC to +85oC AME8800MEETZ AJXww 1.8V SOT-23 - 40 oC to +85oC AME8800MEETY AJXww 1.8V TSOT-23 - 40 oC to +85oC |
Número de pieza similar - AME8800IEEVZ |
|
Descripción similar - AME8800IEEVZ |