Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8802HEEVY Datasheet(PDF) 9 Page - Analog Microelectronics |
|
AME8802HEEVY Datasheet(HTML) 9 Page - Analog Microelectronics |
9 / 16 page AME 9 AME8802 300mA CMOS LDO Rev.K.02 Ground Current vs. Input Voltage Load Step (1mA-300mA) Chip Enable Transient Response Chip Enable Transient Response Drop Out Voltage vs. Output Voltage Drop Out Voltage vs. Load Current Input Voltage (V) 0 5 10 15 20 25 30 35 40 45 0 1 2 3 4 5 6 7 8 85 O C 25 O C 0 0 TIME (1mS/DIV) C L=2µF R L=10Ω 0 0 TIME (1mS/DIV) C L=2µF R L=10Ω C BYP=1000pF TIME(20mS/DIV) C L =2.2 µF C IN =2.2µF Output I Load 0 1200 1000 800 600 400 200 1.31.5 2 3 4 Output Voltage (V) I O=100mA I O=200mA 0 I O=300mA 5 1200 1000 800 600 400 200 0 50 100 150 200 250 300 Load Current (mA) V OUT=1.3V V OUT=1.5V V OUT=1.8V Top to Bottom V OUT=2.3V V OUT=2.5V V OUT=2.8V V OUT=3.0V V OUT=3.3V V OUT=3.5V V OUT=3.8V V OUT=4.0V |
Número de pieza similar - AME8802HEEVY |
|
Descripción similar - AME8802HEEVY |