Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4034BE Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza CD4034BE
Descripción Electrónicos  CMOS 8-Stage Static Bidirectional Parallel/Serial
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD4034BE Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4034BE Datasheet HTML 5Page - Texas Instruments CD4034BE Datasheet HTML 6Page - Texas Instruments CD4034BE Datasheet HTML 7Page - Texas Instruments CD4034BE Datasheet HTML 8Page - Texas Instruments CD4034BE Datasheet HTML 9Page - Texas Instruments CD4034BE Datasheet HTML 10Page - Texas Instruments CD4034BE Datasheet HTML 11Page - Texas Instruments CD4034BE Datasheet HTML 12Page - Texas Instruments CD4034BE Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MECHANICAL DATA
MPDI008 – OCTOBER 1994
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
N (R-PDIP-T**)
PLASTIC DUAL-IN-LINE PACKAGE
24 PIN SHOWN
12
Seating Plane
0.560 (14,22)
0.520 (13,21)
13
0.610 (15,49)
0.590 (14,99)
52
48
40
0.125 (3,18) MIN
2.390
(60,71)
(62,23)
(53,09)
(51,82)
2.040
2.090
2.450
2.650
(67,31)
(65,79)
2.590
0.010 (0,25) NOM
4040053 / B 04/95
A
0.060 (1,52) TYP
1
24
32
28
24
1.230
(31,24)
(32,26)
(36,83)
(35,81)
1.410
1.450
1.270
PINS **
DIM
0.015 (0,38)
0.021 (0,53)
A MIN
A MAX
1.650
(41,91)
(40,89)
1.610
0.020 (0,51) MIN
0.200 (5,08) MAX
0.100 (2,54)
M
0.010 (0,25)
0
°–15°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-011
D. Falls within JEDEC MS-015 (32 pin only)


Número de pieza similar - CD4034BE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4034B TI-CD4034B Datasheet
321Kb / 7P
[Old version datasheet]   CMOS 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL INPUT/OUTPUT BUS REGISTER
CD4034B TI1-CD4034B Datasheet
429Kb / 11P
[Old version datasheet]   CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
CD4034B-MIL TI1-CD4034B-MIL Datasheet
429Kb / 11P
[Old version datasheet]   CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
logo
National Semiconductor ...
CD4034BC NSC-CD4034BC Datasheet
198Kb / 12P
   8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
logo
Texas Instruments
CD4034BF3A TI1-CD4034BF3A Datasheet
429Kb / 11P
[Old version datasheet]   CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
More results

Descripción similar - CD4034BE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4034B TI1-CD4034B_15 Datasheet
429Kb / 11P
[Old version datasheet]   CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
logo
Intersil Corporation
CD4034BMS INTERSIL-CD4034BMS Datasheet
149Kb / 14P
   CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
logo
Texas Instruments
CD4034B TI-CD4034B Datasheet
321Kb / 7P
[Old version datasheet]   CMOS 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL INPUT/OUTPUT BUS REGISTER
logo
Integral Corp.
IW4034B INTEGRAL-IW4034B Datasheet
330Kb / 8P
   8-STAGE STATIC BIDIRECTIONAL PARALLEL/ SERIAL INPUT/OUTPUT BUS REGISTER
logo
STMicroelectronics
HCC4034B STMICROELECTRONICS-HCC4034B Datasheet
301Kb / 16P
   INPUT/OUTPUT BUS REGISTER 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL
logo
System Logic Semiconduc...
SL4034B SLS-SL4034B Datasheet
71Kb / 9P
   8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register
logo
KODENSHI_AUK CORP.
KK4034B KODENSHI-KK4034B Datasheet
474Kb / 9P
   8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4034B IKSEMICON-IW4034B Datasheet
337Kb / 9P
   8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
STMicroelectronics
HCF4014B STMICROELECTRONICS-HCF4014B Datasheet
225Kb / 10P
   SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4034BM NSC-CD4034BM Datasheet
198Kb / 12P
   8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com