Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8802ZEEVY Datasheet(PDF) 11 Page - Analog Microelectronics |
|
AME8802ZEEVY Datasheet(HTML) 11 Page - Analog Microelectronics |
11 / 16 page AME 11 AME8802 300mA CMOS LDO Rev.K.02 Stability vs. ESR vs. I Load Stability vs. ESR vs. I Load Stability vs. ESR vs. I Load Stability vs. ESR vs. I Load Safe Operating Area Input-Output Voltage Differential (V) 10 100 300 0.1 1.0 8.0 SOT-23-5 ILOAD (mA) 0.01 0.1 1 10 100 1000 10000 0 50 100 150 200 Stable Region Untested Region Unstable Region C L=1µF ILOAD (mA) 0.01 0.1 1 10 100 1000 10000 0 50 100 150 200 Stable Region Untested Region Unstable Region C L=2µF 0.01 0.1 1 10 100 1000 10000 0 50 100 150 200 Stable Region Untested Region Unstable Region ILOAD (mA) C L=3µF 0.001 10000 0.01 0.1 1 10 100 1000 0 50 100 150 200 Stable Region Untested Region Unstable Region C L=10µF ILOAD (mA) |
Número de pieza similar - AME8802ZEEVY |
|
Descripción similar - AME8802ZEEVY |