Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M-ODC5 Datasheet(PDF) 1 Page - Crydom Inc., |
|
M-ODC5 Datasheet(HTML) 1 Page - Crydom Inc., |
1 / 5 page M SERIES OUTPUT MODULES • AC Modules have High Current Thyristors with 100 Amp Surge Capability • Plug into mounting boards for 0.6" modules • Zero or Random Turn-On Available in AC Modules • 4kV Optical isolation (1500 VAC Isolation for FET DC Output Modules) • UL Recognized, CSA Certified, CE Compliant • Industry standard packaging and Color Coding Black (AC Output) Red (DC Output) SPECIFICATIONS (1) Input Part Number M-OAC5 M-OAC5A M-OAC5AH M-OAC5AR M-OAC5R Nominal Voltage VDC 5.0 5.0 5.0 5.0 5.0 Minimum Voltage VDC (2) 2.75 2.75 2.75 2.75 2.75 Maximum Voltage VDC 8.0 8.0 8.0 8.0 8.0 Drop-out Voltage 1.0 1.0 1.0 1.0 1.0 Maximum Current (3) 20 20 20 20 20 Resistance (4) 220 220 220 220 220 Output Nominal Line Voltage 120 VAC 240 VAC 240 VAC 240 VAC 120 VAC Minimum Line Voltage 12 VAC 24 VAC 24 VAC 24 VAC 12 VAC Maximum Line Voltage 140 VAC 280 VAC 280 VAC 280 VAC 140 VAC Max Off-State Voltage (5) 400 Vpeak 600 Vpeak 600 Vpeak 600 Vpeak 400 Vpeak Max Off-State Leakage (6) 0.1mArms 0.1mArms 0.1mArms 0.1mArms 0.1mArms Static Off-State dv/dt (7) 200 V/usec 200 V/usec 200 V/usec 200 V/usec 200 V/usec Maximum Rated On-State Current (8) 3.5 Arms 3.5 Arms 5.0 Arms 3.5 Arms 3.5 Arms Minimum On-State Current 50 mArms 50 mArms 50 mArms 50 mArms 50 mArms Max Surge Current (9) 100 Apeak 100 Apeak 100 Apeak 100 Apeak 100 Apeak On-State Voltage Drop or Resistance (10) 1.6 V 1.6 V 1.6 V 1.6 V 1.6 V Maximum Turn-On Time [msec] (13) 8.33 8.33 8.33 0.1 0.1 Maximum Turn-Off Time [msec] (13) 8.33 8.33 8.33 8.33 8.33 Input/Output Isolation Voltage (14) 4000 4000 4000 4000 4000 Input/Output Capacitance 8 8 8 8 8 Operating Temperature Range -30 to 80°C -30 to 80°C -30 to 80°C -30 to 80°C -30 to 80°C Storage Temperature Range -40 to 80°C -40 to 80°C -40 to 80°C -40 to 80°C -40 to 80°C Line Frequency Range 47 to 63 47 to 63 47 to 63 47 to 63 47 to 63 Weight 1.1 oz. (31.2g) 1.1 oz. (31.2g) 1.1 oz. (31.2g) 1.1 oz. (31.2g) 1.1 oz. (31.2g) |
Número de pieza similar - M-ODC5 |
|
Descripción similar - M-ODC5 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |