Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M-ODC5F Datasheet(PDF) 3 Page - Crydom Inc.,

No. de pieza M-ODC5F
Descripción Electrónicos  I/O Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYDOM [Crydom Inc.,]
Página de inicio  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

M-ODC5F Datasheet(HTML) 3 Page - Crydom Inc.,

  M-ODC5F Datasheet HTML 1Page - Crydom Inc., M-ODC5F Datasheet HTML 2Page - Crydom Inc., M-ODC5F Datasheet HTML 3Page - Crydom Inc., M-ODC5F Datasheet HTML 4Page - Crydom Inc., M-ODC5F Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
General Notes:
(1) Specifications apply to an ambient temperature of -30 to 80 °C unless otherwise noted.
(2) Without external LED status indicator. Add 1.7 volts for external LED if utilized.
(3) At nominal input voltage, without external LED status indicator.
(4) +/-10% at 25°C.
(5) Maximum 1 minute duration for OAC modules when applied as a DC voltage rather than a peek AC voltage.
(6) At maximum line voltage, 25°C for OAC modules, and 80°C for ODC modules.
(7) Minimum DV/DT per EIA/NARM RS433, method RS397, DV/DT ratings do not apply to DC output models
(8) At 40°C, derate OAC modules 58 mA/°C to 80°C, derate ODC. ODCxMC and ODCxML modules 50 mA/°C
to 80°C. CSA rating of OAC modules is 3.0 Arms at 40°C.
(9) At 25°C for 1 second maximum duration: 1 AC cycle for AC modules, 1 second for DC modules.
(10) At maximum rated on-state current and 25°C.
(11) At maximum line voltage, maximum rated output current, nominal input voltage and 25°C. Switching speed
of OAC modules is based upon 60 Hz line frequency.
(12) At 25°C for 1 second maximum duration.
(13) 1/3 H.P. at 240 VAC, 1/8 H.P. at 120 VAC.
.
MECHANICAL SPECIFICATIONS
AGENCY APPROVALS
E46203
38595
Rev. 121311


Número de pieza similar - M-ODC5F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crydom Inc.,
M-ODC5M-C CRYDOM-M-ODC5M-C Datasheet
1Mb / 5P
   M SERIES OUTPUT MODULES
More results

Descripción similar - M-ODC5F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
PB-8SM CRYDOM-PB-8SM Datasheet
1Mb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com