Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8822AEEV120Z Datasheet(PDF) 9 Page - Analog Microelectronics

No. de pieza AME8822AEEV120Z
Descripción Electrónicos  High PSRR, 250mA CMOS LDO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8822AEEV120Z Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8822AEEV120Z Datasheet HTML 5Page - Analog Microelectronics AME8822AEEV120Z Datasheet HTML 6Page - Analog Microelectronics AME8822AEEV120Z Datasheet HTML 7Page - Analog Microelectronics AME8822AEEV120Z Datasheet HTML 8Page - Analog Microelectronics AME8822AEEV120Z Datasheet HTML 9Page - Analog Microelectronics AME8822AEEV120Z Datasheet HTML 10Page - Analog Microelectronics AME8822AEEV120Z Datasheet HTML 11Page - Analog Microelectronics AME8822AEEV120Z Datasheet HTML 12Page - Analog Microelectronics AME8822AEEV120Z Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AME
9
AME8822
High PSRR, 250mA CMOS LDO
Rev.F.04
n Electrical Specifications (contd.)
* These parameters are applicable to part numbers with enable function.
Parameter
Symbol
Min
Typ
Max
Units
VENH
1.4
VIN
V
VENL
0
0.3
V
Enable Input Bias Current*
IEN
0.01
1
µA
Shutdown Supply Current*
ISD
0.5
1
µA
Shutdown Output Voltage*
VO,SD
0.2
V
µVrms
40
Output Voltage Noise
eN
Enable Input Threshold*
IOUT=1mA
Test Condition
VOUT<=0.2V
VIN=5V, VEN=0V
VOUT>=VOUT(min)
VIN=5V, EN=0V or 5V
f=10Hz to 100kHz, IOUT=10mA


Número de pieza similar - AME8822AEEV120Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822AEEV120Z AME-AME8822AEEV120Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results

Descripción similar - AME8822AEEV120Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
logo
List of Unclassifed Man...
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com