Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8819DEFV120Z Datasheet(PDF) 11 Page - Analog Microelectronics |
|
AME8819DEFV120Z Datasheet(HTML) 11 Page - Analog Microelectronics |
11 / 22 page AME Rev.D.04 11 AME8819 Low Dropout 600mA CMOS Regulator Note 1: If V OUT > 1.8V, VIN(MIN)=VOUT+VDROP . If VOUT < 1.8V, VIN(MIN)=2.8V . Note 2: For V OUT below 1.8V, Dropout Voltage is the input (MIN) to output differential. n Electrical Specifications Parameter Symbol Min Typ Max Units Enable High (enabled) VEN(HI) 1.4 VIN V Enable Low (shutdown) VEN(LO) 0 0.4 V Enable Pin Current (enabled) IEN 0.1 1 µA TSHDN 150 TRS 130 VEN = VIN VIN(MIN) ≦ VIN ≦ 5.5V VIN(MIN) ≦ VIN ≦ 5.5V OC Restore, temperature decreasing Test Conditions Thermal Shutdown Temperature Shutdown, temperature increasing |
Número de pieza similar - AME8819DEFV120Z |
|
Descripción similar - AME8819DEFV120Z |