Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME88102EGTZ Datasheet(PDF) 8 Page - Analog Microelectronics

No. de pieza AME88102EGTZ
Descripción Electrónicos  600mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME88102EGTZ Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME88102EGTZ Datasheet HTML 4Page - Analog Microelectronics AME88102EGTZ Datasheet HTML 5Page - Analog Microelectronics AME88102EGTZ Datasheet HTML 6Page - Analog Microelectronics AME88102EGTZ Datasheet HTML 7Page - Analog Microelectronics AME88102EGTZ Datasheet HTML 8Page - Analog Microelectronics AME88102EGTZ Datasheet HTML 9Page - Analog Microelectronics AME88102EGTZ Datasheet HTML 10Page - Analog Microelectronics AME88102EGTZ Datasheet HTML 11Page - Analog Microelectronics AME88102EGTZ Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AME
8
600mA CMOS LDO
AME8810
Rev.A.05
Ground Current vs. Input Voltage
Load Step (1mA-600mA)
Drop Out Voltage vs. Output Voltage
Power Supply Rejection Ratio
Line Transient Response
Safe Operating Area
TIME (2mS/DIV)
V
INDC=5.0V
C
L=2.2µF
100mA
10mA
1mA
100
µ A
100mA
100
µA
C
L=2.2µF Tantalum
C
BYP =0
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1K
100K
Frequency (Hz)
10M
Input Voltage (V)
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
8
85
O
C
25
O
C
Tantalum
TIME(20mS/DIV)
C
L
=2.2
µF
C
IN =2.2µF
Output
I
Load
0
Output Voltage (V)
1400
1200
1000
800
600
400
200
1
2
3
4
5
6
Top to Bottom
I
LOAD=600mA
I
LOAD=500mA
I
LOAD=400mA
I
LOAD=300mA
I
LOAD=200mA
I
LOAD=100mA
0
10
100
600
0.1
1.0
8.0
Input-Output Voltage Differential (V)
SOT-223
n Characterization Curve(For reference only)


Número de pieza similar - AME88102EGTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8810 AME-AME8810 Datasheet
88Kb / 11P
   600mA CMOS LDO
AME8810 AME-AME8810 Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8810AEGT AME-AME8810AEGT Datasheet
88Kb / 11P
   600mA CMOS LDO
AME8810AEGT AME-AME8810AEGT Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8810AEGTZ AME-AME8810AEGTZ Datasheet
180Kb / 12P
   600mA CMOS LDO
More results

Descripción similar - AME88102EGTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com