Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8831AEEV180Z Datasheet(PDF) 9 Page - Analog Microelectronics

No. de pieza AME8831AEEV180Z
Descripción Electrónicos  150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8831AEEV180Z Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8831AEEV180Z Datasheet HTML 5Page - Analog Microelectronics AME8831AEEV180Z Datasheet HTML 6Page - Analog Microelectronics AME8831AEEV180Z Datasheet HTML 7Page - Analog Microelectronics AME8831AEEV180Z Datasheet HTML 8Page - Analog Microelectronics AME8831AEEV180Z Datasheet HTML 9Page - Analog Microelectronics AME8831AEEV180Z Datasheet HTML 10Page - Analog Microelectronics AME8831AEEV180Z Datasheet HTML 11Page - Analog Microelectronics AME8831AEEV180Z Datasheet HTML 12Page - Analog Microelectronics AME8831AEEV180Z Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AME
9
AME8831
150mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
Rev.H.05
Dropout Voltage vs. Temperature
Quiescent Current vs Temperature
Output Impedance vs Frequency
Output Voltage vs Load Current
3.19
3.2
3.21
3.22
3.23
3.24
3.25
3.26
0
15
30
45
60
75
90
105
120
135
150
Load Current (mA)
V
IN=4.3V
T
J=25
0
5
10
15
20
25
30
-40
-20
-5
25
55
85
125
Temperature (oC)
I
O=1mA
I
O=150mA
0.1
1
10
100
1000
10000
100000
Frequency (Hz)
I
O=1mA
I
O =150mA
V
IN=4.3V
C
OUT=4.7µ F
C
(SR)=0.47µF
Output Noise Spectral Density
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
1000
10000
100000
1000000
Frequency (Hz)
I
O =50mA
I
O=150mA
V
IN=4.3V
C
O=4.7 µF
Ripple Rejection vs Frequency
0
20
40
60
80
100
120
100
1000
10000
100000
1000000
Frequency (Hz)
I
O=1mA
I
O=150mA
V
IN
=4.3V
V
OUT=3.3V
C
OUT =10µF
C
(SR)=0.47µ F
0
50
100
150
200
250
300
-40
-20
25
85
125
Temperature (oC)
I
O=150mA
V
IN=4.3V


Número de pieza similar - AME8831AEEV180Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AME8831AEEV330Y AKM-AME8831AEEV330Y Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831AEEV330Z AKM-AME8831AEEV330Z Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Descripción similar - AME8831AEEV180Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Analog Microelectronics
AME8821 AME-AME8821_08 Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com