Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8805OEGTZ Datasheet(PDF) 6 Page - Analog Microelectronics |
|
AME8805OEGTZ Datasheet(HTML) 6 Page - Analog Microelectronics |
6 / 17 page AME 6 600mA CMOS LDO AME8805 / 8813 Rev.R.12 n Ordering Information (contd.) Part Number Marking* Output Voltage Package Operating Ambient Temperature Range AME8805DEGTZ ADEyww 2.5V SOT-223 - 40 oC to +85oC AME8805EEGT ADFyww 3.8V SOT-223 - 40 oC to +85oC AME8805EEGTZ ADFyww 3.8V SOT-223 - 40 oC to +85oC AME8805GEGT ADHyww 3.5V SOT-223 - 40 oC to +85oC AME8805GEGTZ ADHyww 3.5V SOT-223 - 40 oC to +85oC AME8805HEGT AEJyww 2.7V SOT-223 - 40 oC to +85oC AME8805HEGTZ AEJyww 2.7V SOT-223 - 40 oC to +85oC AME8805IEGT AERyww 3.4V SOT-223 - 40 oC to +85oC AME8805IEGTZ AERyww 3.4V SOT-223 - 40 oC to +85oC AME8805JEGT AGTyww 2.85V SOT-223 - 40 oC to +85oC AME8805JEGTZ AGTyww 2.85V SOT-223 - 40 oC to +85oC AME8805KEGT AHVyww 3.7V SOT-223 - 40 oC to +85oC AME8805KEGTZ AHVyww 3.7V SOT-223 - 40 oC to +85oC AME8805LEGT AJIyww 1.5V SOT-223 - 40 oC to +85oC AME8805LEGTZ AJIyww 1.5V SOT-223 - 40 oC to +85oC AME8805MEGT AJJyww 1.8V SOT-223 - 40 oC to +85oC AME8805MEGTZ AJJyww 1.8V SOT-223 - 40 oC to +85oC AME8805NEGT AKSyww 2.9V SOT-223 - 40 oC to +85oC AME8805NEGTZ AKSyww 2.9V SOT-223 - 40 oC to +85oC AME8805OEGT AKTyww 3.1V SOT-223 - 40 oC to +85oC AME8805OEGTZ AKTyww 3.1V SOT-223 - 40 oC to +85oC AME8805YEGTZ BCIyww 1.9V SOT-223 - 40 oC to +85oC AME8805YEGTZ BCIyww 1.9V SOT-223 - 40 oC to +85oC AME88051EGT AWLyww 1.3V SOT-223 - 40 oC to +85oC AME88051EGTZ AWLyww 1.3V SOT-223 - 40 oC to +85oC AME8805AEETZ BTYww 3.3V SOT-23 - 40 oC to +85oC AME8805MEETZ BTZww 1.8V SOT-23 - 40 oC to +85oC AME8813DEFTZ A8813 DEFww 2.5V SOT-89 - 40 oC to +85oC AME8805SEFTZ A8805 SEFww 5.0V SOT-89 - 40 oC to +85oC |
Número de pieza similar - AME8805OEGTZ |
|
Descripción similar - AME8805OEGTZ |