Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8819AEFT150Z Datasheet(PDF) 4 Page - Analog Microelectronics |
|
AME8819AEFT150Z Datasheet(HTML) 4 Page - Analog Microelectronics |
4 / 22 page AME AME8819 Low Dropout 600mA CMOS Regulator 4 Rev.D.04 n Pin Description Pin Name Pin Description IN Input voltage pin. It should be decoupled with 1 µF or greater capacitor. GND Ground connection pin. OUT LDO voltage regulator output pin. It should be decoupled with a 2.2 µF or greater value low ESR ceramic capacitor. EN Enable pin. When pulled low, the PMOS pass transistor turns off, current consuming less than 10µA. ADJ Feedback output voltage for adjustable device. |
Número de pieza similar - AME8819AEFT150Z |
|
Descripción similar - AME8819AEFT150Z |