Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8819BEHT150Z Datasheet(PDF) 7 Page - Analog Microelectronics

No. de pieza AME8819BEHT150Z
Descripción Electrónicos  Low Dropout 600mA CMOS Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8819BEHT150Z Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8819BEHT150Z Datasheet HTML 3Page - Analog Microelectronics AME8819BEHT150Z Datasheet HTML 4Page - Analog Microelectronics AME8819BEHT150Z Datasheet HTML 5Page - Analog Microelectronics AME8819BEHT150Z Datasheet HTML 6Page - Analog Microelectronics AME8819BEHT150Z Datasheet HTML 7Page - Analog Microelectronics AME8819BEHT150Z Datasheet HTML 8Page - Analog Microelectronics AME8819BEHT150Z Datasheet HTML 9Page - Analog Microelectronics AME8819BEHT150Z Datasheet HTML 10Page - Analog Microelectronics AME8819BEHT150Z Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AME
Rev.D.04
7
AME8819
Low Dropout
600mA CMOS Regulator
n Available Options
Note:
1. The first 2 places represent product code. It is assigned by AME such as CK.
2. y is year code and is the last number of a year. Such as the year code of 2008 is 8.
3. A bar on top of first letter represents Green Part such as A8819.
4. The last 3 places MXX represent Marking Code. It contains M as date code in "month", XX as LN code and
that is for AME internal use only. Please refer to date code rule section for detail information.
5. Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package
type.
Part Number
Marking
Output
Voltage
Package
Operating Ambient
Temperature Range
AME8819AEGT310Z
A8819
ACyMXX
3.1V
SOT-223
-40
OC to +85OC
AME8819AEGT330Z
A8819
AByMXX
3.3V
SOT-223
-40
OC to +85OC
AME8819BEGT120Z
A8819
BKyMXX
1.2V
SOT-223
-40
OC to +85OC
AME8819BEGT150Z
A8819
BJyMXX
1.5V
SOT-223
-40
OC to +85OC
AME8819BEGT180Z
A8819
BIyMXX
1.8V
SOT-223
-40
OC to +85OC
AME8819BEGT250Z
A8819
BGyMXX
2.5V
SOT-223
-40
OC to +85OC
AME8819BEGT300Z
A8819
BDyMXX
3.0V
SOT-223
-40
OC to +85OC
AME8819BEGT330Z
A8819
BByMXX
3.3V
SOT-223
-40
OC to +85OC
AME8819AEHAADJZ
A8819
EMyMXX
ADJ
SOP-8
-40
OC to +85OC
AME8819DEEVADJZ
A8819
CNUMXX
ADJ
SOT-25
-40
OC to +85OC


Número de pieza similar - AME8819BEHT150Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8819BEHT180Z AME-AME8819BEHT180Z Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
More results

Descripción similar - AME8819BEHT150Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8819 AME-AME8819 Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
logo
Richtek Technology Corp...
RT9187C RICHTEK-RT9187C Datasheet
175Kb / 8P
   600mA, Ultra-Low Dropout, CMOS Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G905 GMT-G905 Datasheet
238Kb / 6P
   2.5V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com