Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8822AEIU260Z Datasheet(PDF) 4 Page - Analog Microelectronics

No. de pieza AME8822AEIU260Z
Descripción Electrónicos  High PSRR, 250mA CMOS LDO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8822AEIU260Z Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8822AEIU260Z Datasheet HTML 1Page - Analog Microelectronics AME8822AEIU260Z Datasheet HTML 2Page - Analog Microelectronics AME8822AEIU260Z Datasheet HTML 3Page - Analog Microelectronics AME8822AEIU260Z Datasheet HTML 4Page - Analog Microelectronics AME8822AEIU260Z Datasheet HTML 5Page - Analog Microelectronics AME8822AEIU260Z Datasheet HTML 6Page - Analog Microelectronics AME8822AEIU260Z Datasheet HTML 7Page - Analog Microelectronics AME8822AEIU260Z Datasheet HTML 8Page - Analog Microelectronics AME8822AEIU260Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AME
4
High PSRR, 250mA CMOS LDO
AME8822
Rev.F.04
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME8822 x x x x xxx x
Output Voltage
A: 1. IN
E: -40
OC to +85OC
E: SOT-2X
T: 3
120: V=1.2V
Z: Lead free
(SOT-25)
2. GND
I: SC-70
V: 5
130: V=1.3V
K: 0.9mm max height
(TSOT-25A)
3. EN
V: DFN
U: 4
150: V=1.5V
(for TSOT-2XA Only)
4. NC
180: V=1.8V
5. OUT
250: V=2.5V
260: V=2.6V
A: 1. GND
270: V=2.7V
(SOT-23)
2. OUT
280: V=2.8V
(TSOT-23A)
3. IN
290: V=2.9V
285: V=2.85V
A: 1. IN
300: V=3.0V
(SC-70-5)
2. GND
310: V=3.1V
3. EN
330: V=3.3V
4. NC
5. OUT
A: 1. OUT
(DFN-4A)
2. GND
3. EN
4. IN
Special Feature
Pin
Configuration
Output Voltage
Operating Ambient
Temperature Range
Package
Type
Number
of
Pins


Número de pieza similar - AME8822AEIU260Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822AEIV150Z AME-AME8822AEIV150Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV180Z AME-AME8822AEIV180Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV280Z AME-AME8822AEIV280Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV285Z AME-AME8822AEIV285Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results

Descripción similar - AME8822AEIU260Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
logo
List of Unclassifed Man...
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com