Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8822AEIT270Z Datasheet(PDF) 10 Page - Analog Microelectronics

No. de pieza AME8822AEIT270Z
Descripción Electrónicos  High PSRR, 250mA CMOS LDO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8822AEIT270Z Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8822AEIT270Z Datasheet HTML 6Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 7Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 8Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 9Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 10Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 11Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 12Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 13Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AME
10
High PSRR, 250mA CMOS LDO
AME8822
Rev.F.04
The AME8822 is stable with an output capacitor to
ground of 1
μF or larger. Ceramic capacitors have the low-
est ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response.
A second capacitor is recommended between the in-
put and ground to stabilize V
IN. The input capacitor should
be at least 1
μF to have a beneficial effect.
Detailed Description
External Capacitors
Enable
The Enable Pin is normally pull-high. When activated
pulled low, the PMOS pass transistor shuts off, and all
internal circuits are powered down. In this state, the stand
by current is less than 1
μA. This pin can’ t be floating.
The AME8822 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and thermal shutdown circuits become ac-
tive when the junction temperature exceeds 150oC, or
the current exceeds 250mA. During thermal shutdown,
the output voltage remains low. Normal operation is re-
stored when the junction temperature drops below 130oC.
The AME8822 switches from voltage mode to current
mode when the load exceeds the rated output current.
This prevents over-stress.


Número de pieza similar - AME8822AEIT270Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822AEIV150Z AME-AME8822AEIV150Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV180Z AME-AME8822AEIV180Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV280Z AME-AME8822AEIV280Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV285Z AME-AME8822AEIV285Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results

Descripción similar - AME8822AEIT270Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
logo
List of Unclassifed Man...
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com