Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8822AEIT270Z Datasheet(PDF) 11 Page - Analog Microelectronics

No. de pieza AME8822AEIT270Z
Descripción Electrónicos  High PSRR, 250mA CMOS LDO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8822AEIT270Z Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8822AEIT270Z Datasheet HTML 7Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 8Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 9Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 10Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 11Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 12Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 13Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 14Page - Analog Microelectronics AME8822AEIT270Z Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AME
11
AME8822
High PSRR, 250mA CMOS LDO
Rev.F.04
Dropout Voltage vs Temperature
Output Voltage vs Load Current
Output Impedance vs Frequency
Line Transient Response
Load Transient Response
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
100
1000
10000
100000
1000000
I
O=50mA
I
O=100mA
Frequency (Hz)
Output Voltage vs Temperature
Load Current (mA)
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
0
50
100
150
200
250
V
IN=2.8V
Temperature (oC)
1.790
1.795
1.800
1.805
1.810
1.815
-40
-25
-10
5
20
35
50
65
80
95
110
125
V
IN=2.8V
I
O =1mA
I
O=250mA
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
V
IN=2.8V
Io=250mA
5.3
20
-20
4.3
Time (
µs)
200
-50
0
50
0
100
Time (
µs)
V
IN=2.8V
∆i
∆t
=25mA/
µs


Número de pieza similar - AME8822AEIT270Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822AEIV150Z AME-AME8822AEIV150Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV180Z AME-AME8822AEIV180Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV280Z AME-AME8822AEIV280Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV285Z AME-AME8822AEIV285Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results

Descripción similar - AME8822AEIT270Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
logo
List of Unclassifed Man...
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com