Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8818AEIU280Z Datasheet(PDF) 1 Page - Analog Microelectronics

No. de pieza AME8818AEIU280Z
Descripción Electrónicos  Low Dropout 300mA CMOS Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8818AEIU280Z Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8818AEIU280Z Datasheet HTML 1Page - Analog Microelectronics AME8818AEIU280Z Datasheet HTML 2Page - Analog Microelectronics AME8818AEIU280Z Datasheet HTML 3Page - Analog Microelectronics AME8818AEIU280Z Datasheet HTML 4Page - Analog Microelectronics AME8818AEIU280Z Datasheet HTML 5Page - Analog Microelectronics AME8818AEIU280Z Datasheet HTML 6Page - Analog Microelectronics AME8818AEIU280Z Datasheet HTML 7Page - Analog Microelectronics AME8818AEIU280Z Datasheet HTML 8Page - Analog Microelectronics AME8818AEIU280Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
AME
Rev.D.06
1
AME8818
LowDropout
300mA CMOS Regulator
n
General Description
n
Features
n
Applications
n
Functional Block Diagram
The AME8818 is a CMOS linear regulator. It operated from
2.5V to 5.5V input voltage and delivers up to 300mA output
current. The AME8818 provide low quiescent current (70
µA
typ) low dropout voltage (230mV @ 300mA typ), and excel-
lent PSRR, thus marking them ideal for Data-Communica-
tions and battery applications.
The AME8818 provide over temperature and over current
protected functions. It is stable with an output capacitance of
1
µF or larger.
l
Data-Communication
l
Laptop, Palmtops, Notebook computers
l
Battery Power Equipment
l
Handheld Device
l
PCMCIA Cards
l
Input voltage range is from 2.5V to 5.5V
l
Output Voltage Range:
Fixed Version is from 1.2V to 4.5V
ADJ Version is from 0.98V to 4.5V
l
Low Dropout: 230mV @ 300mA
l
Guaranteed 300mADrive Current
l
Factory Pre-set output voltage
l
Only 1
µF Output Capacitor Required for
Stability
l
Provided OTP, current limit
l
Green Products Meet RoHS Standards
(Fixed Version)
(Adjustable Version)
EN
IN
Bandgap
Reference
Overcurrent
Shutdown
Thermal
Shutdown
OUT
GND
R1
R2
A
BYP/NC
IN
Bandgap
Reference
Overcurrent
Shutdown
Thermal
Shutdown
OUT
GND
ADJ
R2
(external )
R1
(external )
EN


Número de pieza similar - AME8818AEIU280Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMETHERM Circuit Protec...
AME8818AEET120Z AMETHERM-AME8818AEET120Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET150Z AMETHERM-AME8818AEET150Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET250Z AMETHERM-AME8818AEET250Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET300Z AMETHERM-AME8818AEET300Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET310Z AMETHERM-AME8818AEET310Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
More results

Descripción similar - AME8818AEIU280Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com