Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8822AEIU280Z Datasheet(PDF) 1 Page - Analog Microelectronics

No. de pieza AME8822AEIU280Z
Descripción Electrónicos  High PSRR, 250mA CMOS LDO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8822AEIU280Z Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8822AEIU280Z Datasheet HTML 1Page - Analog Microelectronics AME8822AEIU280Z Datasheet HTML 2Page - Analog Microelectronics AME8822AEIU280Z Datasheet HTML 3Page - Analog Microelectronics AME8822AEIU280Z Datasheet HTML 4Page - Analog Microelectronics AME8822AEIU280Z Datasheet HTML 5Page - Analog Microelectronics AME8822AEIU280Z Datasheet HTML 6Page - Analog Microelectronics AME8822AEIU280Z Datasheet HTML 7Page - Analog Microelectronics AME8822AEIU280Z Datasheet HTML 8Page - Analog Microelectronics AME8822AEIU280Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AME
1
AME8822
High PSRR, 250mA CMOS LDO
Rev.F.04
n Typical Application
n Functional Block Diagram
l Very Low Dropout Voltage
l Fast Turn on Time 100
µS(Typ.)
l Guaranteed 250mA Output
l 30
µA Quiescent Current
l Over-Temperature Shutdown
l Excellent PSRR (Typ. 65dB)
l Power-Saving Shutdown Mode in SOT-25,
TSOT-25A, SOT-23, TSOT-23A & SC-70-5
DFN-4A Packages
l Low Temperature Coefficient
l Green Products Meet RoHS Standards.
The AME8822 family of positive, linear regulators fea-
ture low quiescent current (30
µA typ.) low dropout volt-
age and excellent PSRR, thus making them ideal for tele-
communications and other battery applications.
These rugged devices have both thermal shutdown and
current limit to prevent device failure under the "Worst"
operating conditions.
The AME8822 is stable with an output capacitance of
1
µF or larger.
l Instrumentation
l Portable Electronics
l Wireless Devices
l PC Peripherals
n General Description
n Features
n Applications
1
µF
OUT
IN
C2
AME8822
GND
OUT
IN
C1
1
µF
1
µF
OUT
IN
C2
AME8822
GND
OUT
IN
C1
1
µF
EN
GND
OUT
IN
Overcurrent
Shutdown
Thermal
Shutdown
EN
Vref
AMP
R1
R2
-
+


Número de pieza similar - AME8822AEIU280Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822AEIV150Z AME-AME8822AEIV150Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV180Z AME-AME8822AEIV180Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV280Z AME-AME8822AEIV280Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV285Z AME-AME8822AEIV285Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results

Descripción similar - AME8822AEIU280Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
logo
List of Unclassifed Man...
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com