Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8822AEIU290Z Datasheet(PDF) 8 Page - Analog Microelectronics

No. de pieza AME8822AEIU290Z
Descripción Electrónicos  High PSRR, 250mA CMOS LDO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8822AEIU290Z Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8822AEIU290Z Datasheet HTML 4Page - Analog Microelectronics AME8822AEIU290Z Datasheet HTML 5Page - Analog Microelectronics AME8822AEIU290Z Datasheet HTML 6Page - Analog Microelectronics AME8822AEIU290Z Datasheet HTML 7Page - Analog Microelectronics AME8822AEIU290Z Datasheet HTML 8Page - Analog Microelectronics AME8822AEIU290Z Datasheet HTML 9Page - Analog Microelectronics AME8822AEIU290Z Datasheet HTML 10Page - Analog Microelectronics AME8822AEIU290Z Datasheet HTML 11Page - Analog Microelectronics AME8822AEIU290Z Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AME
8
High PSRR, 250mA CMOS LDO
AME8822
Rev.F.04
n Electrical Specifications
Note1: If V
OUT(nom) > 2.0V, VIN(min) =VOUT(nom) +VDROPOUT . If VOUT(nom) <= 2.0V, VIN(min) = 2.5V.
Note2: Line Regulation =
Note3: Load Regulation =
)
(
%
100
mA
I
Vout
Vout
×
Vout
Vin
Vout
%
100
×
V
OUT(nom) > 2.0V, VIN=VOUT(nom) +0.5V;
V
OUT
2V, V
IN=2.5V, VEN=VIN, TJ = -40 to 125
OC,C
IN=COUT=1mF,
unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note1
5.5
V
-1.5
1.5
-3
3
Current Limit
ILIM
350
500
Short Circuit Limit
ISC
200
Quiescent Current
IQ
30
45
µA
-0.25
0.1
0.25
-0.4
0.4
-0.4
0.2
0.4
-0.6
0.6
Over Temperature Shutdown
OTS
160
o
C
Over Temperature Hysterisis
OTH
40
oC
VOUT Temperature Coefficient
TC
30
ppm/
oC
Power Supply Ripple Rejection
PSRR
65
dB
TA=25
oC
%/mA
IOUT=0mA
IOUT=0mA
0.02
-0.04
0.004
Test Condition
%/V
IOUT=250mA
300
500
VIN=VOUT +0.5V to VIN=5.5V
VIN=5V, 1mA<IOUT<250mA
VOUT=0V VOUT<=2V, VIN=3.5V
Line Regulation
(See Note 2)
REGLINE
mV
TA=25
oC
IOUT=1mA, VOUT<=2.0V
VIN=2.5V to VIN=5.5V
VOUT>2.0V
VOUT<=2.0V, VDROPOUT=2.5V-VOUT
IOUT=250mA
VOUT=VOUT(nom) -2%VOUT(nom)
IOUT=1mA, VOUT>2.0V
Load Regulation
(See Note 3)
REGLOAD
Dropout Voltage
(See Note 1)
VDROPOUT
Output Voltage Accuracy
VOUT(nom)
VOUT=3.3V, IOUT=100mA, COUT=10µF,
VIN=VOUT+1V, f=1kHz
0.04
IOUT = 1 to 250mA
-0.02
0.0025
TJ=-40 to +125
oC
TJ=-40 to +125
oC
TA=25
oC
VOUT=0.8xVOUT(nom)
TA=25
oC
VOUT<=2.0V
VIN=2.5V
VOUT>2.0V
VIN=VOUT +0.5V
TA=25
oC
mA
IOUT=1mA
TA=25
o
C
TJ=-40 to +125
o
C
IOUT=1mA
%


Número de pieza similar - AME8822AEIU290Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822AEIV150Z AME-AME8822AEIV150Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV180Z AME-AME8822AEIV180Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV280Z AME-AME8822AEIV280Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEIV285Z AME-AME8822AEIV285Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results

Descripción similar - AME8822AEIU290Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
logo
List of Unclassifed Man...
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com