Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8808QEGTZ Datasheet(PDF) 11 Page - Analog Microelectronics

No. de pieza AME8808QEGTZ
Descripción Electrónicos  750mA CMOS LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808QEGTZ Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8808QEGTZ Datasheet HTML 5Page - Analog Microelectronics AME8808QEGTZ Datasheet HTML 6Page - Analog Microelectronics AME8808QEGTZ Datasheet HTML 7Page - Analog Microelectronics AME8808QEGTZ Datasheet HTML 8Page - Analog Microelectronics AME8808QEGTZ Datasheet HTML 9Page - Analog Microelectronics AME8808QEGTZ Datasheet HTML 10Page - Analog Microelectronics AME8808QEGTZ Datasheet HTML 11Page - Analog Microelectronics AME8808QEGTZ Datasheet HTML 12Page - Analog Microelectronics AME8808QEGTZ Datasheet HTML 13Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AME
11
AME8808
750mA CMOS LDO
Rev.G.02
n Tape & Reel Dimension
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
SOT-223
12.0±0.1 mm
4.0±0.1 mm
2500pcs
330±1 mm
Carrier Tape, Number of Components Per Reel and Reel Size
SOT-223
W
P
PIN 1
AME
AME
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
TO-252-2
16.0±0.1 mm
4.0±0.1 mm
2500pcs
330±1 mm
W
P
PIN 1
Carrier Tape, Number of Components Per Reel and Reel Size
TO-252-2


Número de pieza similar - AME8808QEGTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
AME8808AECS AME-AME8808AECS Datasheet
85Kb / 11P
   750mA CMOS LDO
AME8808AEGT AME-AME8808AEGT Datasheet
85Kb / 11P
   750mA CMOS LDO
AME8808BECS AME-AME8808BECS Datasheet
85Kb / 11P
   750mA CMOS LDO
AME8808BEGT AME-AME8808BEGT Datasheet
85Kb / 11P
   750mA CMOS LDO
More results

Descripción similar - AME8808QEGTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com