Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8819DEGA250Z Datasheet(PDF) 5 Page - Analog Microelectronics

No. de pieza AME8819DEGA250Z
Descripción Electrónicos  Low Dropout 600mA CMOS Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8819DEGA250Z Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8819DEGA250Z Datasheet HTML 1Page - Analog Microelectronics AME8819DEGA250Z Datasheet HTML 2Page - Analog Microelectronics AME8819DEGA250Z Datasheet HTML 3Page - Analog Microelectronics AME8819DEGA250Z Datasheet HTML 4Page - Analog Microelectronics AME8819DEGA250Z Datasheet HTML 5Page - Analog Microelectronics AME8819DEGA250Z Datasheet HTML 6Page - Analog Microelectronics AME8819DEGA250Z Datasheet HTML 7Page - Analog Microelectronics AME8819DEGA250Z Datasheet HTML 8Page - Analog Microelectronics AME8819DEGA250Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AME
Rev.D.04
5
AME8819
Low Dropout
600mA CMOS Regulator
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature1
AME8819 x x x x xxx x
Output Voltage
A: 1. IN
E: -40OC to +85OC
E: SOT-2X
T: 3
120: V=1.2V
Z: Green
(SOT-89)
2. GND
F: SOT-89
V: 5
150: V=1.5V
(SOT-223)
3. OUT
G: SOT-223
A: 8
180: V=1.8V
H: SOP
250: V=2.5V
B: 1.GND
280: V=2.8V
(SOT-89)
2.IN
285: V=2.85V
3.OUT
290: V=2.9V
300: V=3.0V
B: 1.GND
310: V=3.1V
(SOT-223)
2.OUT
330: V=3.3V
3.IN
360: V=3.6V
ADJ: Adjustable
A: 1.EN
(SOP-8)
2.IN
3.OUT
4.ADJ
5.GND
6.GND
7.GND
8.GND
D: 1.IN
(SOT-25)
2.GND
3.EN
4.ADJ
5.OUT
Special Feature 1
Pin
Configuration
Operating Ambient
Temperature Range
Package
Type
Number of
Pins
Output Voltage


Número de pieza similar - AME8819DEGA250Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8819 AME-AME8819 Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
AME8819AEFA180Z AME-AME8819AEFA180Z Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
AME8819AEFA250Z AME-AME8819AEFA250Z Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
AME8819AEFA280Z AME-AME8819AEFA280Z Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
AME8819AEFA285Z AME-AME8819AEFA285Z Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
More results

Descripción similar - AME8819DEGA250Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8819 AME-AME8819 Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
logo
Richtek Technology Corp...
RT9187C RICHTEK-RT9187C Datasheet
175Kb / 8P
   600mA, Ultra-Low Dropout, CMOS Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G905 GMT-G905 Datasheet
238Kb / 6P
   2.5V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com