Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65053RGETG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65053RGETG4
Descripción Electrónicos  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65053RGETG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65053RGETG4 Datasheet HTML 1Page - Texas Instruments TPS65053RGETG4 Datasheet HTML 2Page - Texas Instruments TPS65053RGETG4 Datasheet HTML 3Page - Texas Instruments TPS65053RGETG4 Datasheet HTML 4Page - Texas Instruments TPS65053RGETG4 Datasheet HTML 5Page - Texas Instruments TPS65053RGETG4 Datasheet HTML 6Page - Texas Instruments TPS65053RGETG4 Datasheet HTML 7Page - Texas Instruments TPS65053RGETG4 Datasheet HTML 8Page - Texas Instruments TPS65053RGETG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TPS65053
TPS650531
TPS650532
www.ti.com ............................................................................................................................................. SLVS754C – MARCH 2007 – REVISED SEPTEMBER 2009
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
AND 3 LOW-INPUT VOLTAGE LDOs
• One General-Purpose 400-mA LDO
2
• Up To 95% Efficiency
• Two General-Purpose 200-mA LDOs
• Output Current for DC/DC Converters:
• V
IN Range for LDOs from 1.5 V to 6.5 V
TPS65053: DCDC1 = 1 A; DCDC2 = 0.6 A
• Output Voltage for LDO3:
TPS650531: DCDC1 = 1 A; DCDC2 = 1 A
TPS65053: VLDO3 = 1.3 V
TPS650532: DCDC1 = 1 A; DCDC2 = 1 A
TPS650531: VLDO3 = 1.2 V
• DC/DC Converters Externally Adjustable
TPS650532: VLDO3 = 1.5 V
• V
IN Range for DC/DC Converters
• Available in a 4 mm x 4 mm 24-Pin QFN
From 2.5 V to 6 V
Package
• 2.25-MHz Fixed Frequency Operation
• Power Save Mode at Light Load Current
• Cell Phones, Smart-Phones
• 180° Out-of-Phase Operation
• WLAN
• Output Voltage Accuracy in PWM mode ±1%
• PDAs, Pocket PCs, GPS
• Total Typical 32-µA Quiescent Current for Both
• OMAP™ and Low-Power DSP Supply
DC/DC Converters
• Portable Media Players
• 100% Duty Cycle for Lowest Dropout
• Digital Cameras
The TPS65053x are integrated Power Management ICs for applications powered by one Li-Ion or Li-Polymer
cell, which require multiple power rails. The TPS65053x provide two highly efficient, 2.25MHz step-down
converters targeted at providing the core voltage and I/O voltage in a processor based system. Both step-down
converters enter a low power mode at light load for maximum efficiency across the widest possible range of load
currents. For low noise applications the devices can be forced into fixed frequency PWM mode by pulling the
MODE pin high. Both converters allow the use of small inductors and capacitors to achieve a small solution size.
TPS65053 provides an output current of up to 1A on the DCDC1 converter and up to 0.6A on the DCDC2
converter. TPS650531 and TPS650532 provide up to 1A on both DCDC1 and DCDC2. The TPS65053x also
integrate one 400mA LDO and two 200mA LDO voltage regulators, which can be turned on/off using separate
enable pins on each LDO. Each LDO operates with an input voltage range between 1.5V and 6.5V allowing them
to be supplied from one of the step-down converters or directly from the main battery. LDO1 and LDO2 are
externally adjustable while LDO3 has a fixed output voltage of 1.3V on TPS65053, 1.2V on TPS650531 and 1.5V
on TPS650532.
The TPS65053x come in a small 24-pin leadless package (4mm × 4mm QFN) with a 0,5mm pitch.
ORDERING INFORMATION(1)
PART
QFN(2)
PACKAGE
TA
output voltage on LDO3
NUMBER
PACKAGE
MARKING
–40°C to 85°C
TPS65053
1.3V
RGE
65053
–40°C to 85°C
TPS650531
1.2V
RGE
650531
–40°C to 85°C
TPS650532
1.5V
RGE
650532
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
The RGE package is available in tape and reel. Add R suffix (TPS65053RGER) to order quantities of
3000 parts per reel. Add T suffix (TPS65053RGET) to order quantities of 250 parts per reel.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
OMAP, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS65053RGETG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65053RGETG4 TI-TPS65053RGETG4 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
More results

Descripción similar - TPS65053RGETG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
logo
Richtek Technology Corp...
RT9511 RICHTEK-RT9511 Datasheet
525Kb / 24P
   Fully Integrated Battery Charger with Two Step-Down Converters
RT9907 RICHTEK-RT9907 Datasheet
472Kb / 19P
   3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9907 RICHTEK-RT9907_11 Datasheet
463Kb / 19P
   3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com