Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS75618KTTT Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS75618KTTT Datasheet(HTML) 1 Page - Texas Instruments |
1 / 28 page www.ti.com FEATURES DESCRIPTION TO–220 (KC) PACKAGE (TOP VIEW) 1 2 3 4 5 EN IN GND OUTPUT FB/NC 1 TO–263 (KTT) PACKAGE (TOP VIEW) 2 3 4 5 EN IN GND OUTPUT FB/NC 0 50 100 150 200 250 300 350 400 –40 –25 –10 5 20 35 50 65 80 95 110 125 TJ – Junction Temperature – °C TPS75633 DROPOUT VOLTAGE vs JUNCTION TEMPERATURE IO = 5 A VO = 3.3 V t – Time – µs TPS75615 LOAD TRANSIENT RESPONSE –100 0 0 60 40 20 80 100 140 120 160 180 200 0 50 –50 VO = 1.5 V Co = 100 µF –150 5 100 150 di dt + 1.25 A ms TPS75601, TPS75615 TPS75618, TPS75625 TPS75633 SLVS329C – JUNE 2001 – REVISED MARCH 2004 FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS • 5-A Low-Dropout Voltage Regulator The TPS756xx family of 5-A low dropout (LDO) regulators contains four fixed voltage option regu- • Available in 1.5-V, 1.8-V, 2.5-V, and 3.3-V lators and an adjustable voltage option regulator. Fixed-Output and Adjustable Versions These devices are capable of supplying 5 A of output • Dropout Voltage Typically 250 mV at 5 A current with a dropout of 250 mV (TPS75633). (TPS75633) Therefore, the device is capable of performing a • Low 125 µA Typical Quiescent Current 3.3-V to 2.5-V conversion. • Fast Transient Response Quiescent current is 125 µA at full load and drops • 3% Tolerance Over Specified Conditions for down to less than 1 µA when the device is disabled. The TPS756xx is designed to have fast transient Fixed-Output Versions response for large load current changes. • Available in 5-Pin TO-220 and TO-263 Sur- face-Mount Packages • Thermal Shutdown Protection Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PowerPAD is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2001–2004, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - TPS75618KTTT |
|
Descripción similar - TPS75618KTTT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |