Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC5508-T2B-A Datasheet(PDF) 5 Page - Renesas Technology Corp

No. de Pieza. 2SC5508-T2B-A
Descripción  NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo 

2SC5508-T2B-A Datasheet(HTML) 5 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5508
Chapter Title
R09DS0055EJ0200 Rev.2.00
Page 5 of 8
Mar 5, 2013
Noise Characteristics
Collector Current IC (mA)
Collector Current IC (mA)
Collector Current IC (mA)
Collector Current IC (mA)
6
5
4
3
2
1
0
1
10
100
30
25
20
15
10
5
0
NF
f = 1.0 GHz
VCE = 2 V
Ga
6
5
4
3
2
1
0
30
25
20
15
10
5
0
1
10
100
Ga
NF
f = 1.5 GHz
VCE = 2 V
1
10
100
6
5
4
3
2
1
0
30
25
20
15
10
5
0
Ga
NF
f = 2.0 GHz
VCE = 2 V
1
10
100
6
5
4
3
2
1
0
30
25
20
15
10
5
0
Ga
NF
f = 2.5 GHz
VCE = 2 V
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters and noise parameters are provided on our web site in a form (S2P) that enables direct import of the
parameters to microwave circuit simulators without the need for keyboard inputs.
Click here to download S-parameters.
[Products]
→ [RF Devices] → [Device Parameters]
URL http://www.renesas.com/products/microwave/
<R>


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn