Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8816BEDAADJZ Datasheet(PDF) 9 Page - Analog Microelectronics

No. de pieza AME8816BEDAADJZ
Descripción Electrónicos  1.5A CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8816BEDAADJZ Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8816BEDAADJZ Datasheet HTML 5Page - Analog Microelectronics AME8816BEDAADJZ Datasheet HTML 6Page - Analog Microelectronics AME8816BEDAADJZ Datasheet HTML 7Page - Analog Microelectronics AME8816BEDAADJZ Datasheet HTML 8Page - Analog Microelectronics AME8816BEDAADJZ Datasheet HTML 9Page - Analog Microelectronics AME8816BEDAADJZ Datasheet HTML 10Page - Analog Microelectronics AME8816BEDAADJZ Datasheet HTML 11Page - Analog Microelectronics AME8816BEDAADJZ Datasheet HTML 12Page - Analog Microelectronics AME8816BEDAADJZ Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AME
9
AME8816
1.5A CMOS LDO
Rev.H.04
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.5V<VO(NOM)<=2.0V
1300
2.0V<VO(NOM)<=2.8V
800
2.8V<VO(NOM)
600
Output Current
IO
1500
mA
Current Limit
ILIM
1500
2000
mA
Short Circuit Current
ISC
750
mA
Quiescent Current
(For Fixed Output Voltage Options)
Minimun Load Current
(For ADJ Option)
IMIN
1
mA
Ground Pin Current
IGND
45
µA
VO < 2.0V
-0.15
0.15
%
4.0 > VO >= 2.0V
-0.1
0.02
0.1
%
4.0V <= VO
-0.4
0.4
%
Load Regulation
REGLOAD
-1
0.2
1
%
Over Temerature Shutdown
OTS
150
oC
Over Temerature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
ADJ Input Bias Current
IADJ
1
µA
ADJ Reference Voltage
VREF
1.223 1.242 1.261
V
f=100Hz
f=1kHz
50
f=10kHz
20
f=100Hz
f=1kHz
75
f=10kHz
55
VEH
2.0
Vin
V
VEL
0
0.4
V
IEH
0.1
µA
IEL
0.5
µA
Shutdown Supply Current
ISD
0.5
2
µA
dB
VIN = 5V , VO=0V, VEN=0V
dB
VIN = 5V , VADJ = 1.242V
µVrms
30
µVrms
Co=4.7
µF
EN Input Threshold
EN Input Bias Current
VIN= 7V
VEN=0V, VIN= 7V
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0.01
µF
Co=4.7
µF
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0
µF
IO=100mA
CO=4.7
µF ceramic
CBYP=0.01
µF
PSRR
Power Supply Rejection
Test Condition
30
IO=100mA
CO=4.7
µF ceramic
Power Supply Rejection
PSRR
mV
VO>1.2V
VO>1.2V
VO<0.4V
See
chart
IO=1.5A
VO=VO(NOM) -2.0%
Dropout Voltage
VDROPOUT
IO=1mA to 1.5A
IO=1mA to 1.5A
Line Regulation
REGLINE
IO=1mA
VIN=VO+1 to VO+2
IQ
VEN = VEHmin, IO=1mA
IO=0mA
45
70
µA
n Electrical Specifications
V
IN = VO(NOM) +2V, VEN = VIN, TA = 25
OC unless otherwise noted
Note1:V
IN(min)=VOUT+VDROPOUT
Note2.V
O(nom) : nominal output voltage of fixed version


Número de pieza similar - AME8816BEDAADJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8816BEDVADJ AME-AME8816BEDVADJ Datasheet
112Kb / 14P
   1.5A CMOS LDO
More results

Descripción similar - AME8816BEDAADJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com