Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8826BEDAADJZ Datasheet(PDF) 4 Page - Analog Microelectronics

No. de pieza AME8826BEDAADJZ
Descripción Electrónicos  1.55A CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826BEDAADJZ Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8826BEDAADJZ Datasheet HTML 1Page - Analog Microelectronics AME8826BEDAADJZ Datasheet HTML 2Page - Analog Microelectronics AME8826BEDAADJZ Datasheet HTML 3Page - Analog Microelectronics AME8826BEDAADJZ Datasheet HTML 4Page - Analog Microelectronics AME8826BEDAADJZ Datasheet HTML 5Page - Analog Microelectronics AME8826BEDAADJZ Datasheet HTML 6Page - Analog Microelectronics AME8826BEDAADJZ Datasheet HTML 7Page - Analog Microelectronics AME8826BEDAADJZ Datasheet HTML 8Page - Analog Microelectronics AME8826BEDAADJZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AME
4
1.55A CMOS LDO
AME8826
Rev.D.04
n Ordering Information
Operating Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
Output Voltage
AME8826 x x x x xxx x
A
1. EN
E: -40OC to +85OC
D: TO-263
A: 8
ADJ: Adjustable
Z: Lead free
(TO-263-5)
2. IN
H: SOP
V: 5
150: V=1.5V
3. GND
180: V=1.8V
4. OUT
250: V=2.5V
5. BYP
330: V=3.3V
475: V=4.75V
B
1. EN
500: V=5.0V
(TO-263-5)
2. IN
3. GND
4. OUT
5. ADJ
A
1. BYP
(SOP-8)
2. GND
3. GND
4. EN
5. IN
6. GND
7. GND
8. OUT
B
1. ADJ
(SOP-8)
2. GND
3. GND
4. EN
5. IN
6. GND
7. GND
8. OUT
C
1. EN
(SOP-8)
2. IN
3. OUT
4. ADJ
5. GND
6. GND
7. GND
8. GND
Pin
Configuration
Operating Ambient
Temperature Range
Special Feature
Output Voltage
Package Type
Number
of
Pins


Número de pieza similar - AME8826BEDAADJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8826BEDVADJ AME-AME8826BEDVADJ Datasheet
212Kb / 14P
   1.55A CMOS LDO
More results

Descripción similar - AME8826BEDAADJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8826 AME-AME8826 Datasheet
212Kb / 14P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com