Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8845AEBS150Z Datasheet(PDF) 5 Page - Analog Microelectronics

No. de pieza AME8845AEBS150Z
Descripción Electrónicos  3A CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8845AEBS150Z Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8845AEBS150Z Datasheet HTML 1Page - Analog Microelectronics AME8845AEBS150Z Datasheet HTML 2Page - Analog Microelectronics AME8845AEBS150Z Datasheet HTML 3Page - Analog Microelectronics AME8845AEBS150Z Datasheet HTML 4Page - Analog Microelectronics AME8845AEBS150Z Datasheet HTML 5Page - Analog Microelectronics AME8845AEBS150Z Datasheet HTML 6Page - Analog Microelectronics AME8845AEBS150Z Datasheet HTML 7Page - Analog Microelectronics AME8845AEBS150Z Datasheet HTML 8Page - Analog Microelectronics AME8845AEBS150Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AME
5
AME8845
3A CMOS LDO
Rev.C.03
n Ordering Information(contd.)
Note: yyww/ yww represents the date code
* A line on top of the first letter represents lead free plating such as AME8845
Please consult AME sales office or authorized Rep./Distributor for output voltage and package type availability.
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8845AEBT150Z
AME8845
AEBT150
yyww
1.50
TO-220-3
- 40
oC to +85oC
AME8845AEBT180Z
AME8845
AEBT180
yyww
1.80
TO-220-3
- 40
oC to +85oC
AME8845AEBT250Z
AME8845
AEBT250
yyww
2.50
TO-220-3
- 40
oC to +85oC
AME8845AEBT330Z
AME8845
AEBT330
yyww
3.30
TO-220-3
- 40
oC to +85oC
AME8845BEBT150Z
AME8845
BEBT150
yyww
1.50
TO-220-3
- 40
oC to +85oC
AME8845BEBT180Z
AME8845
BEBT180
yyww
1.80
TO-220-3
- 40
oC to +85oC
AME8845BEBT250Z
AME8845
BEBT250
yyww
2.50
TO-220-3
- 40
oC to +85oC
AME8845BEBT330Z
AME8845
BEBT330
yyww
3.30
TO-220-3
- 40
oC to +85oC
AME8845AECS150Z
AME8845
AECS150
yyww
1.50
TO-252-2
- 40
oC to +85oC
AME8845AECS180Z
AME8845
AECS180
yyww
1.80
TO-252-2
- 40
oC to +85oC
AME8845AECS250Z
AME8845
AECS250
yyww
2.50
TO-252-2
- 40
oC to +85oC
AME8845AECS330Z
AME8845
AECS330
yyww
3.30
TO-252-2
- 40
oC to +85oC


Número de pieza similar - AME8845AEBS150Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8845AEBS150Z AME-AME8845AEBS150Z Datasheet
177Kb / 18P
   3A CMOS LDO
More results

Descripción similar - AME8845AEBS150Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8845 AME-AME8845 Datasheet
177Kb / 18P
   3A CMOS LDO
logo
Excelliance MOS Corp.
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
   3A Low Dropout LDO
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103NA CYSTEKEC-EM5103NA Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
   3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5107 EXCELLIANCE-EM5107 Datasheet
1Mb / 10P
   3A Low Dropout LDO
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
   3A Low Dropout LDO
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
   Peak 3A CMOS LDO Regulator with Enable and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com