Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8845BEGT150Z Datasheet(PDF) 1 Page - Analog Microelectronics

No. de pieza AME8845BEGT150Z
Descripción Electrónicos  3A CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8845BEGT150Z Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8845BEGT150Z Datasheet HTML 1Page - Analog Microelectronics AME8845BEGT150Z Datasheet HTML 2Page - Analog Microelectronics AME8845BEGT150Z Datasheet HTML 3Page - Analog Microelectronics AME8845BEGT150Z Datasheet HTML 4Page - Analog Microelectronics AME8845BEGT150Z Datasheet HTML 5Page - Analog Microelectronics AME8845BEGT150Z Datasheet HTML 6Page - Analog Microelectronics AME8845BEGT150Z Datasheet HTML 7Page - Analog Microelectronics AME8845BEGT150Z Datasheet HTML 8Page - Analog Microelectronics AME8845BEGT150Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AME
1
AME8845
3A CMOS LDO
Rev.C.03
n Typical Application
n Functional Block Diagram
l Very Low Dropout Voltage
l Guaranteed 3A Output
l Accurate to within 1.5%
l 300
µA Quiescent Current Typically
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Low Temperature Coefficient
l All AME’ s Lead Free Products Meet RoHS
Stangdards
The AME8845 family of linear regulators feature low
quiescent current (300
µA typ.) with low dropout voltage,
making them ideal for battery applications. It is available
in TO-252, SOT-223, TO-263 and TO-220 packages. The
space-efficient TO-252, SOT-223 packages are attractive
for "Pocket" and "Hand Held" applications.
Output voltages are set at the factory and trimmed to
1.5% accuracy.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" operating conditions.
The AME8845 is stable with an output capacitance of
2.2
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l PC Peripherals
l Battery Powered Widgets
n General Description
n Features
n Applications
2.2
µF
AME8845
VIN
IN
GND
OUT
0.1
µF
VOUT
GND
OUT
IN
Overcurrent
Shutdown
Thermal
Shutdown
Vref
AMP
R1
R2
-
+


Número de pieza similar - AME8845BEGT150Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8845BEGT150Z AME-AME8845BEGT150Z Datasheet
177Kb / 18P
   3A CMOS LDO
More results

Descripción similar - AME8845BEGT150Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8845 AME-AME8845 Datasheet
177Kb / 18P
   3A CMOS LDO
logo
Excelliance MOS Corp.
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
   3A Low Dropout LDO
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103NA CYSTEKEC-EM5103NA Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
   3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5107 EXCELLIANCE-EM5107 Datasheet
1Mb / 10P
   3A Low Dropout LDO
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
   3A Low Dropout LDO
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
   Peak 3A CMOS LDO Regulator with Enable and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com