Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8816AEHV150Z Datasheet(PDF) 3 Page - Analog Microelectronics

No. de pieza AME8816AEHV150Z
Descripción Electrónicos  1.5A CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8816AEHV150Z Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8816AEHV150Z Datasheet HTML 1Page - Analog Microelectronics AME8816AEHV150Z Datasheet HTML 2Page - Analog Microelectronics AME8816AEHV150Z Datasheet HTML 3Page - Analog Microelectronics AME8816AEHV150Z Datasheet HTML 4Page - Analog Microelectronics AME8816AEHV150Z Datasheet HTML 5Page - Analog Microelectronics AME8816AEHV150Z Datasheet HTML 6Page - Analog Microelectronics AME8816AEHV150Z Datasheet HTML 7Page - Analog Microelectronics AME8816AEHV150Z Datasheet HTML 8Page - Analog Microelectronics AME8816AEHV150Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AME
3
AME8816
1.5A CMOS LDO
Rev.H.04
n Pin Description
Pin Name
Pin Description
IN
Input voltage pin.
It should be decoupled with 1
µF or greater capacitor.
GND
Ground connection pin.
EN
Enable pin.
When pulled low, the PMOS pass transistor turns off, current consuming less
than 1µA.
BYP
Bypass capacitor connection.
To improve AC ripple rejection, connect a 1000pF capacitor to GND.
This will also provide a soft-start function.
OUT
LDO voltage regulator output pin.
It should be decoupled with a 4.7µF or greater value low ESR ceramic capacitor.
ADJ
Feedback output voltage for adjustable device.


Número de pieza similar - AME8816AEHV150Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8816AEHA150 AME-AME8816AEHA150 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8816AEHA180 AME-AME8816AEHA180 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8816AEHA250 AME-AME8816AEHA250 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8816AEHA330 AME-AME8816AEHA330 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8816AEHA475 AME-AME8816AEHA475 Datasheet
112Kb / 14P
   1.5A CMOS LDO
More results

Descripción similar - AME8816AEHV150Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com