Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8845BEDS250Z Datasheet(PDF) 4 Page - Analog Microelectronics

No. de pieza AME8845BEDS250Z
Descripción Electrónicos  3A CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8845BEDS250Z Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8845BEDS250Z Datasheet HTML 1Page - Analog Microelectronics AME8845BEDS250Z Datasheet HTML 2Page - Analog Microelectronics AME8845BEDS250Z Datasheet HTML 3Page - Analog Microelectronics AME8845BEDS250Z Datasheet HTML 4Page - Analog Microelectronics AME8845BEDS250Z Datasheet HTML 5Page - Analog Microelectronics AME8845BEDS250Z Datasheet HTML 6Page - Analog Microelectronics AME8845BEDS250Z Datasheet HTML 7Page - Analog Microelectronics AME8845BEDS250Z Datasheet HTML 8Page - Analog Microelectronics AME8845BEDS250Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AME
4
3A CMOS LDO
AME8845
Rev.C.03
n Ordering Information
AME8845 x x x x xxx x
Output Voltage
Number of Pin
Package Type
Operating Ambient Temperature Range
Pin Configuration
Special Feature
A:
1. IN
E: -40OC to +85OC
B: TO-220
S: 2
150: V=1.5V
Z: Lead Free
(TO-252-2)
2. GND
C: TO-252
T: 3
180: V=1.8V
3. OUT
D: TO-263
250: V=2.5V
B:
1. GND
(TO-252-2)
2. OUT
3. IN
A:
1. IN
(TO-263-3)
2. GND
3. OUT
B:
1. GND
(TO-263-3)
2. OUT
3. IN
A:
1. IN
(TO-220-3)
2. GND
3. OUT
B:
1. GND
(TO-220-3)
2. OUT
3. IN
A:
1. IN
(SOT-223)
2. GND
3. OUT
B:
1. GND
(SOT-223)
2. OUT
3. IN
Special Feature
Pin
Configuration
Output Voltage
Operating Ambient
Temperature
Range
Package Type
Number
of
Pins
V=3.3V
G: SOT-223
330:


Número de pieza similar - AME8845BEDS250Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8845BEDS250Z AME-AME8845BEDS250Z Datasheet
177Kb / 18P
   3A CMOS LDO
More results

Descripción similar - AME8845BEDS250Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8845 AME-AME8845 Datasheet
177Kb / 18P
   3A CMOS LDO
logo
Excelliance MOS Corp.
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
   3A Low Dropout LDO
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103NA CYSTEKEC-EM5103NA Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
   3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5107 EXCELLIANCE-EM5107 Datasheet
1Mb / 10P
   3A Low Dropout LDO
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
   3A Low Dropout LDO
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
   Peak 3A CMOS LDO Regulator with Enable and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com