Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7818ARMZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7818ARMZ
Descripción Electrónicos  Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7818ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7818ARMZ Datasheet HTML 7Page - Analog Devices AD7818ARMZ Datasheet HTML 8Page - Analog Devices AD7818ARMZ Datasheet HTML 9Page - Analog Devices AD7818ARMZ Datasheet HTML 10Page - Analog Devices AD7818ARMZ Datasheet HTML 11Page - Analog Devices AD7818ARMZ Datasheet HTML 12Page - Analog Devices AD7818ARMZ Datasheet HTML 13Page - Analog Devices AD7818ARMZ Datasheet HTML 14Page - Analog Devices AD7818ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD7817/AD7818
Rev. D | Page 11 of 20
CONTROL BYTE
The AD7817/AD7818 contain two on-chip registers, the address
register and the overtemperature register. These registers can be
accessed by carrying out an 8-bit serial write operation to the devices.
The 8-bit word or control byte written to the AD7817/AD7818 is
transferred to one of the two on-chip registers as follows.
Address Register
If the five MSBs of the control byte are logic zero, the three LSBs
of the control byte are transferred to the address register (see
Figure 6). The address register is a 3-bit-wide register used to
select the analog input channel on which to carry out a conversion.
It is also used to select the temperature sensor, which has the 000
address. Table 6 shows the channel selection. The internal reference
selection connects the input of the ADC to a band gap reference.
When this selection is made and a conversion is initiated, the ADC
output must be approximately midscale. After power-up, the
default channel selection is DB2 = DB1 = DB0 = 0 (temperature
sensor).
Table 6. Channel Selection
DB2
DB1
DB0
Channel Selection
Device
0
0
0
Temperature sensor
All
0
0
1
Channel 1
All
0
1
0
Channel 2
AD7817
0
1
1
Channel 3
AD7817
1
0
0
Channel 4
AD7817
1
1
1
Internal reference (1.23 V)
All
Overtemperature Register
If any of the five MSBs of the control byte are logic one, the entire
eight bits of the control byte are transferred to the overtemperature
register (see Figure 6). At the end of a temperature conversion,
a digital comparison is carried out between the 8 MSBs of the
temperature conversion result (10 bits) and the contents of the
overtemperature register (8 bits). If the result of the temperature
conversion is greater than the contents of the overtemperature
register (OTR), the overtemperature indicator (OTI) goes logic
low. The resolution of the OTR is 1°C. The lowest temperature
that can be written to the OTR is −95°C and the highest is
+152°C (see Figure 7). However, the usable temperature range of
the temperature sensor is −55°C to +125°C. Figure 7 shows the
OTR and how to set TALARM (the temperature at which the OTI
goes low).
OTR (Dec) = TALARM (°C) + 103°C
For example, to set TALARM to 50°C, OTR = 50 + 103 = 153 Dec
or 10011001 bin. If the result of a temperature conversion exceeds
50°C, OTI goes logic low. The OTI logic output is reset high at the
end of a serial read operation or if a new temperature measurement
is lower than TALARM. The default power on TALARM is 50°C.
DB2
DB1
DB0
ADDRESS REGISTER
LSB
MSB
DB0
CONTROL BYTE
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
OVERTEMPERATURE
REGISTER (OTR)
DB7
DB6
DB5
DB4
DB3
DB2
DB1
IF ANY BIT DB7 TO DB3 ARE LOGIC 0
THEN DB2 TO DB0 ARE WRITTEN TO
THE ADDRESS REGISTER
IF ANY BIT DB7 TO DB3 IS SET TO A
LOGIC 1, THEN THE FULL 8 BITS OF THE
CONTROL WORD ARE WRITTEN TO THE
OVERTEMPERATURE REGISTER
Figure 6. Address and Overtemperature Register Selection
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
1
0
0
0
1
1
1
1
1
1
1
1
MINIMUM TEMPERATURE = –95°C
MAXIMUM TEMPERATURE = +152°C
MSB
LSB
OVERTEMPERATURE REGISTER
OVERTEMPERATURE REGISTER (DEC) = TALARM + 103°C
TALARM RESOLUTION = 18/LSB
Figure 7. The Overtemperature Register (OTR)


Número de pieza similar - AD7818ARMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7818ARM AD-AD7818ARM Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7818ARM-REEL AD-AD7818ARM-REEL Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7818ARM-REEL7 AD-AD7818ARM-REEL7 Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
More results

Descripción similar - AD7818ARMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD73422 AD-AD73422_15 Datasheet
814Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com