Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7715AR-3 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7715AR-3
Descripción Electrónicos  3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7715AR-3 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7715AR-3 Datasheet HTML 4Page - Analog Devices AD7715AR-3 Datasheet HTML 5Page - Analog Devices AD7715AR-3 Datasheet HTML 6Page - Analog Devices AD7715AR-3 Datasheet HTML 7Page - Analog Devices AD7715AR-3 Datasheet HTML 8Page - Analog Devices AD7715AR-3 Datasheet HTML 9Page - Analog Devices AD7715AR-3 Datasheet HTML 10Page - Analog Devices AD7715AR-3 Datasheet HTML 11Page - Analog Devices AD7715AR-3 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD7715
Rev. D | Page 8 of 40
TIMING CHARACTERISTICS
DVDD = 3 V to 5.25 V; AVDD = 3 V to 5.25 V; AGND = DGND = 0 V; fCLKIN = 2.4576 MHz; Input Logic 0 = 0 V, Logic 1 = DVDD, unless
otherwise noted.
Table 4.
Parameter1, 2
Limit at TMIN, TMAX
(A Version)
Unit
Conditions/Comments
fCLKIN3, 4
400
kHz min
2.5
MHz max
Master clock frequency: crystal oscillator or externally supplied for specified
performance
tCLK IN LO
0.4 × tCLK IN
ns min
Master clock input low time; tCLK IN = 1/fCLK IN
tCLK IN HI
0.4 × tCLK IN
ns min
Master clock input high time
t1
500 × tCLK IN
ns nom
DRDY high time
t2
100
ns min
RESET pulsewidth
Read Operation
t3
0
ns min
DRDY to CS setup time
t4
120
ns min
CS falling edge to SCLK rising edge setup time
t55
0
ns min
SCLK falling edge to data valid delay
80
ns max
DVDD = 5 V
100
ns max
DVDD = 3.3 V
t6
100
ns min
SCLK high pulsewidth
t7
100
ns min
SCLK low pulsewidth
t8
0
ns min
CS rising edge to SCLK rising edge hold time
t96
10
ns min
Bus relinquish time after SCLK rising edge
60
ns max
DVDD = +5 V
100
ns max
DVDD = +3.3 V
t10
100
ns max
SCLK falling edge to DRDY high7
Write Operation
t11
120
ns min
CS falling edge to SCLK rising edge setup time
t12
30
ns min
Data valid to SCLK rising edge setup time
t13
20
ns min
Data valid to SCLK rising edge hold time
t14
100
ns min
SCLK high pulsewidth
t15
100
ns min
SCLK low pulsewidth
t16
0
ns min
CS rising edge to SCLK rising edge hold time
1 Sample tested at +25°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.6 V.
2 See Figure 8 and Figure 9.
3 CLKIN Duty Cycle range is 45% to 55%. CLKIN must be supplied whenever the AD7715 is not in standby mode. If no clock is present in this case, the device can draw
higher current than specified and possibly become uncalibrated.
4 The AD7715 is production tested with fCLKIN at 2.4576 MHz (1 MHz for some IDD tests). It is guaranteed by characterization to operate at 400 kHz.
5 These numbers are measured with the load circuit of Figure 2 and defined as the time required for the output to cross the VOL or VOH limits.
6 These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then
extrapolated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
7
DRDY returns high after the first read from the device after an output update. The same data can be read again, if required, while DRDY is high although take care that
subsequent reads do not occur close to the next output update.
TO
OUTPUT
PIN
+1.6V
ISINK (800µA AT DVDD = 5V
100µA AT DVDD = 3.3V)
ISOURCE (200µA AT DVDD = 5V
100µA AT DVDD = 3.3V)
50pF
Figure 2. Load Circuit for Access Time and Bus Relinquish Time


Número de pieza similar - AD7715AR-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7715AR-3 AD-AD7715AR-3 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715AR-3 AD-AD7715AR-3 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7715AR-3 AD-AD7715AR-3 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7715AR-3REEL AD-AD7715AR-3REEL Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
More results

Descripción similar - AD7715AR-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com