Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9822JRSZRL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9822JRSZRL
Descripción Electrónicos  Complete 14-Bit CCD/CIS Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9822JRSZRL Datasheet(HTML) 4 Page - Analog Devices

  AD9822JRSZRL Datasheet HTML 1Page - Analog Devices AD9822JRSZRL Datasheet HTML 2Page - Analog Devices AD9822JRSZRL Datasheet HTML 3Page - Analog Devices AD9822JRSZRL Datasheet HTML 4Page - Analog Devices AD9822JRSZRL Datasheet HTML 5Page - Analog Devices AD9822JRSZRL Datasheet HTML 6Page - Analog Devices AD9822JRSZRL Datasheet HTML 7Page - Analog Devices AD9822JRSZRL Datasheet HTML 8Page - Analog Devices AD9822JRSZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9822
Rev. B | Page 4 of 20
Parameter
Min
Typ
Max
Unit
POWER DISSIPATION
3-Channel Mode
385
450
mW
3-Channel Mode @ 6 MHz
335
410
mW
1-Channel Mode
300
mW
1-Channel Mode @ 6 MHz
250
mW
1 Linear input signal range is from 2 V to 4 V when the CCD’s reference level is clamped to 4 V by the AD9822’s input clamp.
1V TYP
RESET TRANSIENT
4V SET BY INPUT CLAMP (3V OPTION ALSO AVAILABLE)
2V p-p MAX INPUT SIGNAL RANGE
2 The PGA gain is approximately linear-in-dB and follows the equation:
[
]
+
=
63
63
7
.
4
1
7
.
5
G
Gain
where G is the register value. See Figure
.
15
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD = 5 V, DRVDD = 5 V, CDS mode, fADCCLK = 15 MHz, fCDSCLK1 = fCDSCLK2 = 5 MHz, CL = 10 pF, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage
VOH
4.5
V
Low Level Output Voltage
VOL
0.1
V
High Level Output Current
IOH
50
µA
Low Level Output Current
IOL
50
µA


Número de pieza similar - AD9822JRSZRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9822JRS AD-AD9822JRS Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
More results

Descripción similar - AD9822JRSZRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
AD9814 AD-AD9814_15 Datasheet
163Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
AD80066 AD-AD80066 Datasheet
427Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
REV. A
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Texas Instruments
VSP3100 TI1-VSP3100_14 Datasheet
1Mb / 6P
[Old version datasheet]   14-Bit, 10MHz CCD/CIS SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com