Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9786BSVZ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD9786BSVZ
Descripción Electrónicos  16-Bit, 200 MSPS/500 MSPS TxDAC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9786BSVZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9786BSVZ Datasheet HTML 2Page - Analog Devices AD9786BSVZ Datasheet HTML 3Page - Analog Devices AD9786BSVZ Datasheet HTML 4Page - Analog Devices AD9786BSVZ Datasheet HTML 5Page - Analog Devices AD9786BSVZ Datasheet HTML 6Page - Analog Devices AD9786BSVZ Datasheet HTML 7Page - Analog Devices AD9786BSVZ Datasheet HTML 8Page - Analog Devices AD9786BSVZ Datasheet HTML 9Page - Analog Devices AD9786BSVZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
AD9786
Rev. B | Page 6 of 56
DYNAMIC SPECIFICATIONS
TMIN to TMAX; AVDD1, AVDD2, DRVDD = 3.3 V; ACVDD, ADVDD, CLKVDD, DVDD = 2.5 V; IOUTFS = 20 mA; differential transformer
coupled output; 50 Ω doubly terminated, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Minimum DAC Output Update Rate
20
MHz
Maximum DAC Output Update Rate (fDAC)
500
MSPS
AC LINEARITY/BASEBAND MODE
Spurious-Free Dynamic Range (SFDR) to Nyquist (fOUT = 0 dBFS)
fDATA = 100 MSPS; fOUT = 5 MHz, 4×, 2× Interpolation
93
dBc
fDATA = 200 MSPS; fOUT = 10 MHz
85
dBc
fDATA = 200 MSPS; fOUT = 25 MHz
78
dBc
fDATA = 200 MSPS; fOUT = 50 MHz
78
dBc
Two-Tone Intermodulation (IMD) to Nyquist (fOUT1 = fOUT2 = –6 dBFS)
fDATA = 200 MSPS; fOUT1 = 5 MHz; fOUT2 = 6 MHz
85
dBc
fDATA = 200 MSPS; fOUT1 = 15 MHz; fOUT2 = 16 MHz
85
dBc
fDATA = 200 MSPS; fOUT1 = 25 MHz; fOUT2 = 26 MHz
84
dBc
fDATA = 200 MSPS; fOUT1 = 45 MHz; fOUT2 = 46 MHz
80
dBc
fDATA = 200 MSPS; fOUT1 = 65 MHz; fOUT2 = 66 MHz
78
dBc
fDATA = 200 MSPS; fOUT1 = 85 MHz; fOUT2 = 86 MHz
75
dBc
Noise Power Spectral Density (NPSD)
fDATA = 156 MSPS; fOUT = 10 MHz; 0 dBFS, 8 Tones, Separation = 500 kHz
−164
dBm/Hz
fDATA = 156 MSPS; fOUT = 50 MHz; 0 dBFS, 8 Tones, Separation = 500 kHz
−161
dBm/Hz
Adjacent Channel Power Ratio (ACLR)
WCDMA ACLR with 3.84 MHz BW, Single Carrier
IF = 21 MHz, fDATA = 122.88 MSPS, 4× Interpolation
80
dB
IF = 224.76 MHz, fDATA = 122.88 MSPS, 4× Interpolation, High-Pass Interpolation Filter Mode
72
dB


Número de pieza similar - AD9786BSVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9786BSV AD-AD9786BSV Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9786BSVRL AD-AD9786BSVRL Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
More results

Descripción similar - AD9786BSVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9786 AD-AD9786_15 Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9782 AD-AD9782 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
Rev. PrC
AD9709 AD-AD9709_15 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC
REV. B
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com