Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9786BSV Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD9786BSV
Descripción Electrónicos  16-Bit, 200 MSPS/500 MSPS TxDAC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9786BSV Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9786BSV Datasheet HTML 5Page - Analog Devices AD9786BSV Datasheet HTML 6Page - Analog Devices AD9786BSV Datasheet HTML 7Page - Analog Devices AD9786BSV Datasheet HTML 8Page - Analog Devices AD9786BSV Datasheet HTML 9Page - Analog Devices AD9786BSV Datasheet HTML 10Page - Analog Devices AD9786BSV Datasheet HTML 11Page - Analog Devices AD9786BSV Datasheet HTML 12Page - Analog Devices AD9786BSV Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
AD9786
Rev. B | Page 9 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
80 79 78 77 76
71 70 69 68 67 66 65
75 74 73 72
64 63 62 61
16
1
2
3
4
5
6
7
8
9
10
11
13
14
15
12
17
18
20
19
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
PIN 1
IDENTIFIER
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DNC = DO NOT CONNECT
CLKVDD
DNC
CLKVDD
CLKGND
CLK+
CLK–
CLKGND
DGND
DVDD
P1B15
P1B14
P1B13
P1B12
P1B11
P1B10
DGND
DVDD
P1B9
P1B8
P1B7
FSADJ
REFIO
RESET
CSB
SCLK
SDIO
SDO
DGND
DVDD
P2B0
P2B1
P2B2
P2B3
P2B4
P2B5
DGND
AD9786
TOP VIEW
(Not to Scale)
DVDD
P2B6
P2B7
P2B8
Figure 2. Pin Configuration
CLOCK
Table 6. Clock Pin Function Descriptions
Pin
No.
Mnemonic
Direction
Description
5, 6
CLK+, CLK–
I
Differential Clock Input.
2
DNC
Do Not Connect.
DCLKEXT
0x02[3]
Mode
0
Pin configured for input of channel data rate or synchronizer clock. Internal clock
synchronizer can be turned on or off with DCLKCRC (0x02[2]).
31
DATACLK
I/O
1
Pin configured for output of channel data rate or synchronizer clock.
1, 3
CLKVDD
Clock Domain 2.5 V.
4, 7
CLKGND
Clock Domain 0 V.


Número de pieza similar - AD9786BSV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9786BSV AD-AD9786BSV Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9786BSVRL AD-AD9786BSVRL Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
More results

Descripción similar - AD9786BSV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9786 AD-AD9786_15 Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9782 AD-AD9782 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
Rev. PrC
AD9709 AD-AD9709_15 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC
REV. B
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com