Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG604YRU Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG604YRU
Descripción Electrónicos  1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG604YRU Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG604YRU Datasheet HTML 3Page - Analog Devices ADG604YRU Datasheet HTML 4Page - Analog Devices ADG604YRU Datasheet HTML 5Page - Analog Devices ADG604YRU Datasheet HTML 6Page - Analog Devices ADG604YRU Datasheet HTML 7Page - Analog Devices ADG604YRU Datasheet HTML 8Page - Analog Devices ADG604YRU Datasheet HTML 9Page - Analog Devices ADG604YRU Datasheet HTML 10Page - Analog Devices ADG604YRU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
ADG604
–7–
0
50
100
150
200
250
VD, VS – V
–5
TA = 25 C
–4
–3
–2
–1
012345
VDD, VSS = 2.5V
VDD, VSS = 3V
VDD, VSS = 3.3V
VDD, VSS = 4.5V
VDD, VSS = 5V
TPC 1. On Resistance vs. VD (VS), Dual Supply
0
50
100
150
200
250
300
350
400
500
VD, VS – V
0.0
TA = 25 C
VSS = 0V
450
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD = 2.7V
VDD = 3V
VDD = 3.3V
VDD = 4.5V
VDD = 5V
TPC 2. On Resistance vs. VD (VS), Single Supply
0
20
40
60
80
100
120
140
180
VD, VS – V
–5
160
–4
–3
–2
–1
012345
TA = +125 C
VDD = +5V
VSS = –5V
TA = –40 C
TA = +25 C
TA = +85 C
TPC 3. On Resistance vs. VD (VS) for Different
Temperatures, Dual Supply
0
50
100
150
200
250
300
350
VD, VS – V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TA = +125 C
VDD = 5V
VSS = 0V
TA = –40 C
TA = +25 C
TA = +85 C
TPC 4. On Resistance vs. VD (VS) for Different
Temperatures, Single Supply
–6
–5
–4
–3
–2
–1
1
3
TEMPERATURE – C
0
VDD = +5V
VSS = –5V
20
40
60
80
100
120
0
2
IS (OFF)
ID (OFF)
ID, IS (ON)
TPC 5. Leakage Currents vs. Temperature, Dual Supply
–6
–5
–4
–3
–2
–1
1
3
TEMPERATURE – C
0
VDD = 5V
VSS = 0V
20
40
60
80
100
120
0
2
IS (OFF)
ID (OFF)
ID, IS (ON)
TPC 6. Leakage Currents vs. Temperature, Single Supply
Typical Performance Characteristics–


Número de pieza similar - ADG604YRU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG604YRU AD-ADG604YRU Datasheet
155Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG604YRUZ-REEL7 AD-ADG604YRUZ-REEL7 Datasheet
155Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com