Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG729BRUZ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADG729BRUZ
Descripción Electrónicos  CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG729BRUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG729BRUZ Datasheet HTML 2Page - Analog Devices ADG729BRUZ Datasheet HTML 3Page - Analog Devices ADG729BRUZ Datasheet HTML 4Page - Analog Devices ADG729BRUZ Datasheet HTML 5Page - Analog Devices ADG729BRUZ Datasheet HTML 6Page - Analog Devices ADG729BRUZ Datasheet HTML 7Page - Analog Devices ADG729BRUZ Datasheet HTML 8Page - Analog Devices ADG729BRUZ Datasheet HTML 9Page - Analog Devices ADG729BRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
–6–
ADG728/ADG729
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog, Digital Inputs
2
. . . . . . . . . . –0.3 V to VDD + 0.3 V or
30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Continuous Current, Each S . . . . . . . . . . . . . . . . . . . . . 30 mA
Continuous Current D, ADG729 . . . . . . . . . . . . . . . . . 80 mA
Continuous Current D, ADG728 . . . . . . . . . . . . . . . . 120 mA
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG728/ADG729 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
TSSOP Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . 150.4°C/W
θ
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . .
27.6
°C/W
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
TERMINOLOGY
CD, CS (ON)
“ON” Switch Capacitance. Measured with refer-
ence to ground.
CIN
Digital Input Capacitance.
tON
Delay time between the 50% and 90% points
of the STOP condition and the switch “ON”
condition.
tOFF
Delay time between the 50% and 90% points
of the STOP condition and the switch “OFF”
condition.
tD
“OFF” time measured between the 80% points of
both switches when switching from one switch to
another.
Charge
A measure of the glitch impulse transferred from
Injection
the digital input to the analog output during
switching.
Off Isolation
A measure of unwanted signal coupling through
an “OFF” switch.
Crosstalk
A measure of unwanted signal which is coupled
through from one channel to another as a result
of parasitic capacitance.
Bandwidth
The frequency at which the output is attenuated
by 3 dBs.
On Response The frequency response of the “ON” switch.
Insertion
The loss due to the ON resistance of the switch.
Loss
WARNING!
ESD SENSITIVE DEVICE
VDD
Most Positive Power Supply Potential.
IDD
Positive Supply Current.
GND
Ground (0 V) Reference.
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
VD (VS)
Analog Voltage on Terminals D, S.
RON
Ohmic Resistance between D and S.
∆RON
On Resistance Match Between any Two Chan-
nels, i.e., RONmax – RONmin.
RFLAT(ON)
Flatness is defined as the difference between the
maximum and minimum value of on resistance
as measured over the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch “OFF.”
ID (OFF)
Drain Leakage Current with the Switch “OFF.”
ID, IS (ON)
Channel Leakage Current with the Switch “ON.”
VINL
Maximum Input Voltage for Logic “0.”
VINH
Minimum Input Voltage for Logic “1.”
IINL (IINH)
Input Current of the Digital Input.
CS (OFF)
“OFF” Switch Source Capacitance. Measured
with reference to ground.
CD (OFF)
“OFF” Switch Drain Capacitance. Measured
with reference to ground.
REV. C
Lead Temperature, Soldering . . . . . As per JEDEC J-STD-020


Número de pieza similar - ADG729BRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG729BRU AD-ADG729BRU Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
More results

Descripción similar - ADG729BRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG728 AD-ADG728 Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com