Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG819BCBZ-REEL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADG819BCBZ-REEL
Descripción Electrónicos  0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG819BCBZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADG819BCBZ-REEL Datasheet HTML 1Page - Analog Devices ADG819BCBZ-REEL Datasheet HTML 2Page - Analog Devices ADG819BCBZ-REEL Datasheet HTML 3Page - Analog Devices ADG819BCBZ-REEL Datasheet HTML 4Page - Analog Devices ADG819BCBZ-REEL Datasheet HTML 5Page - Analog Devices ADG819BCBZ-REEL Datasheet HTML 6Page - Analog Devices ADG819BCBZ-REEL Datasheet HTML 7Page - Analog Devices ADG819BCBZ-REEL Datasheet HTML 8Page - Analog Devices ADG819BCBZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG819
Data Sheet
Rev. A | Page 4 of 16
VDD = 2.7 V to 3.6 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
25°C
–40°C to
+85°C
–40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to V
DD
V
On Resistance, R
ON
1
0.7
Ω typ
V
S = 0 V to VDD, IS = 100 mA; see Figure 16
1.4
1.5
1.6
Ω max
On Resistance Match Between
Channels, ΔR
ON
1
0.06
Ω typ
V
S = 0 V to VDD, IS = 100 mA
0.13
0.13
Ω max
On Resistance Flatness, R
FLAT(ON)
1
0.25
Ω typ
V
S = 0 V to VDD, IS = 100 mA
LEAKAGE CURRENTS
V
DD = 3.6 V
Source Off Leakage, I
S (Off)
±0.01
nA typ
V
S = 3.3 V/1 V, VD = 1 V/3.3 V; see Figure 17
±0.25
±3
±10
nA max
Channel On Leakage, I
D, IS (On)
±0.01
nA typ
V
S = VD = 1 V, or VS = VD = 3.3 V; see Figure 18
±0.25
±3
±25
nA max
DIGITAL INPUTS
Input High Voltage, V
INH
2.0
V min
Input Low Voltage, V
INL
0.8
V max
Input Current
I
INL or IINH
0.005
μA typ
V
IN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, C
IN
5
pF typ
DYNAMIC CHARACTERISTICS2
t
ON
40
ns typ
R
L = 50 Ω, CL = 35 pF, VS = 1.5 V; see Figure 19
60
65
70
ns max
t
OFF
10
ns typ
R
L = 50 Ω, CL = 35 pF, VS = 1.5 V; see Figure 19
16
18
21
ns max
Break-Before-Make Time Delay,
t
BBM
40
ns typ
R
L = 50 Ω, CL = 35 pF, VS1 = VS2 = 1.5 V; see Figure 20
1
ns min
Charge Injection
10
pC typ
V
S = 1.5 V, RS = 0 Ω,CL = 1 nF; see Figure 21
Off Isolation
−71
dB typ
R
L = 50 Ω, CL = 5 pF, f = 100 kHz; see Figure 22
Channel-to-Channel Crosstalk
−72
dB typ
R
L = 50 Ω, CL = 5 pF, f = 100 kHz; see Figure 24
Bandwidth, –3 dB
17
MHz typ
R
L = 50 Ω, CL = 5 pF; see Figure 23
C
S (Off)
80
pF typ
f = 1 MHz
C
D, CS (On)
300
pF typ
f = 1 MHz
POWER REQUIREMENTS
V
DD = 3.6 V, digital Inputs = 0 V or 3.6 V
I
DD
0.001
μA typ
1.0
2.0
μA max
1 On resistance parameters tested with I
S = 10 mA.
2 Guaranteed by design; not subject to production test.


Número de pieza similar - ADG819BCBZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG819BCB AD-ADG819BCB Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819BCB AD-ADG819BCB Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results

Descripción similar - ADG819BCBZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG836YRMZ AD-ADG836YRMZ Datasheet
563Kb / 16P
   0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
REV. A
EVAL-ADG884EBZ AD-EVAL-ADG884EBZ Datasheet
304Kb / 16P
   0.5 廓 CMOS, Dual 2:1 MUX/SPDT Audio Switch
REV. D
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
logo
Intersil Corporation
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com