Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG822BRMZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADG822BRMZ
Descripción Electrónicos  1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG822BRMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG822BRMZ Datasheet HTML 4Page - Analog Devices ADG822BRMZ Datasheet HTML 5Page - Analog Devices ADG822BRMZ Datasheet HTML 6Page - Analog Devices ADG822BRMZ Datasheet HTML 7Page - Analog Devices ADG822BRMZ Datasheet HTML 8Page - Analog Devices ADG822BRMZ Datasheet HTML 9Page - Analog Devices ADG822BRMZ Datasheet HTML 10Page - Analog Devices ADG822BRMZ Datasheet HTML 11Page - Analog Devices ADG822BRMZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG821/ADG822/ADG823
Rev. A | Page 11 of 12
TERMINOLOGY
VDD
Most positive power supply potential.
GND
Ground (0 V) reference.
IDD
Positive supply current.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
IN
Logic control input.
RON
Ohmic resistance between Terminal D and Terminal S.
ΔRON
On resistance match between any two channels (that is,
RON max − RON min).
RFLAT(ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance as measured over the specified
analog signal range.
IS (Off)
Source leakage current with the switch off.
ID (Off)
Drain leakage current with the switch off.
ID, IS (On)
Channel leakage current with the switch on.
VD, VS
Analog voltage on Terminal D and Terminal S.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CS (Off)
Off switch source capacitance.
CD (Off)
Off switch drain capacitance.
CD, CS (On)
On switch capacitance.
tON
Delay between applying the digital control input and the output
switching on.
tOFF
Delay between applying the digital control input and the output
switching off.
tBBM
Off time or on time measured between the 90% points of both
switches, when switching from one address state to another.
Charge Injection
Charge injection is a measure of the glitch impulse transferred
from the digital input to the analog output during switching.
Crosstalk
Crosstalk is a measure of unwanted signal that is coupled
through from one channel to another as a result of parasitic
capacitance.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Bandwidth
The frequency at which the output is attenuated by −3 dBs.
On Response
The frequency response of the on switch.
Insertion Loss
The loss due to the on resistance of the switch.


Número de pieza similar - ADG822BRMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG822BRM AD-ADG822BRM Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
More results

Descripción similar - ADG822BRMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com