Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM213ARS-REEL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADM213ARS-REEL
Descripción Electrónicos  0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM213ARS-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADM213ARS-REEL Datasheet HTML 1Page - Analog Devices ADM213ARS-REEL Datasheet HTML 2Page - Analog Devices ADM213ARS-REEL Datasheet HTML 3Page - Analog Devices ADM213ARS-REEL Datasheet HTML 4Page - Analog Devices ADM213ARS-REEL Datasheet HTML 5Page - Analog Devices ADM213ARS-REEL Datasheet HTML 6Page - Analog Devices ADM213ARS-REEL Datasheet HTML 7Page - Analog Devices ADM213ARS-REEL Datasheet HTML 8Page - Analog Devices ADM213ARS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM206–ADM211/ADM213
Rev. C | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Min
VCC
–0.3 V to +6 V
V+
(VCC – 0.3 V) to +14 V
V–
+0.3 V to –14 V
Input Voltages
TIN
–0.3 V to (VCC + 0.3 V)
RIN
±30 V
Output Voltages
TOUT
(V+, +0.3 V) to (V–, –0.3 V)
ROUT
–0.3 V to (VCC + 0.3 V)
Short-Circuit Duration
TOUT
Continuous
Power Dissipation
N-24 PDIP (Derate 13.5 mW/°C
above 70°C)
1000 mW
R-24 SOIC (Derate 12 mW/°C
above 70°C)
850 mW
R-28 SOIC (Derate 12.5 mW/°C
above 70°C)
900 mW
RS-24 SSOP (Derate 12 mW/°C
above 70°C)
850 mW
RS-28 SSOP (Derate 10 mW/°C
above 70°C)
900 mW
Thermal Impedance, θJA
N-24 PDIP
120°C/W
R-24 SOIC
85°C/W
R-28 SOIC
80°C/W
RS-24 SSOP
115°C/W
RS-28 SSOP
100°C/W
Operating Temperature Range
Industrial (A Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature, Soldering
300°C
Vapor Phase (60 s)
215°C
Infrared (15 s)
220°
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of
time may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Número de pieza similar - ADM213ARS-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM213ARS-REEL AD-ADM213ARS-REEL Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM213ARS-REEL AD-ADM213ARS-REEL Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
More results

Descripción similar - ADM213ARS-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com