Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM1250ARZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADuM1250ARZ
Descripción Electrónicos  Hot Swappable, Dual I2C Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM1250ARZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM1250ARZ Datasheet HTML 4Page - Analog Devices ADuM1250ARZ Datasheet HTML 5Page - Analog Devices ADuM1250ARZ Datasheet HTML 6Page - Analog Devices ADuM1250ARZ Datasheet HTML 7Page - Analog Devices ADuM1250ARZ Datasheet HTML 8Page - Analog Devices ADuM1250ARZ Datasheet HTML 9Page - Analog Devices ADuM1250ARZ Datasheet HTML 10Page - Analog Devices ADuM1250ARZ Datasheet HTML 11Page - Analog Devices ADuM1250ARZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADuM1250/ADuM1251
Data Sheet
Rev. F | Page 10 of 12
APPLICATIONS INFORMATION
FUNCTIONAL DESCRIPTION
The ADuM1250/ADuM1251 interface on each side to a
bidirectional I2C signal. Internally, the I2C interface is split
into two unidirectional channels communicating in opposing
directions via a dedicated iCoupler isolation channel for each.
One channel (the bottom channel of each channel pair shown
in Figure 6) senses the voltage state of the Side 1 I2C pin and
transmits its state to its respective Side 2 I2C pin.
Both the Side 1 and the Side 2 I2C pins are designed to interface
to an I2C bus operating in the 3.0 V to 5.5 V range. A logic low
on either pin causes the opposite pin to be pulled low enough to
comply with the logic low threshold requirements of other I2C
devices on the bus. Avoidance of I2C bus contention is ensured
by an input low threshold at SDA1 or SCL1 guaranteed to be at
least 50 mV less than the output low signal at the same pin. This
prevents an output logic low at Side 1 being transmitted back to
Side 2 and pulling down the I2C bus.
Because the Side 2 logic levels/thresholds are standard I2C values,
multiple ADuM1250/ADuM1251 devices connected to a bus by
their Side 2 pins can communicate with each other and with other
I2C-compatible devices. A distinction is made between I2C compat-
ibility and I2C compliance. I2C compatibility refers to situations in
which the logic levels of a component do not necessarily meet the
requirements of the I2C specification but still allow the component
to communicate with an I2C-compliant device. I2C compliance
refers to situations in which the logic levels of a component meet
the requirements of the I2C specification.
However, because the Side 1 pin has a modified output level/
input threshold, this side of the ADuM1250/ADuM1251 can
communicate only with devices that conform to the I2C stan-
dard. In other words, Side 2 of the ADuM1250/ADuM1251 is
I2C-compliant, whereas Side 1 is only I2C-compatible.
The output logic low levels are independent of the VDD1 and
VDD2 voltages. The input logic low threshold at Side 1 is also
independent of VDD1. However, the input logic low threshold at
Side 2 is designed to be at 0.3 VDD2, consistent with I2C require-
ments. The Side 1 and Side 2 pins have open-collector outputs
whose high levels are set via pull-up resistors to their respective
supply voltages.
ENCODE
DECODE
DECODE
ENCODE
ENCODE
DECODE
DECODE
ENCODE
VDD1
SDA1
SCL1
VDD2
SDA2
SCL2
CL
GND2
1
2
3
8
7
6
5
GND1 4
CL
R2
R2
Figure 6. ADuM1250 Block Diagram
STARTUP
Both the VDD1 and VDD2 supplies have an undervoltage lockout
feature to prevent the signal channels from operating unless
certain criteria are met. This feature prevents input logic low
signals from pulling down the I2C bus inadvertently during
power-up/power-down.
For the signal channels to be enabled, the following two criteria
must be met:
Both supplies must be at least 2.5 V.
At least 40 μs must elapse after both supplies exceed the
internal startup threshold of 2.0 V.
Until both criteria are met for both supplies, the ADuM1250/
ADuM1251 outputs are pulled high, ensuring a startup that
avoids any disturbances on the bus. Figure 7 and Figure 8 illustrate
the supply conditions for fast and slow input supply slew rates.
MINIMUM RECOMMENDED
OPERATING SUPPLY, 3.0V
MINIMUM VALID SUPPLY, 2.5V
INTERNAL START-UP
THRESHOLD, 2.0V
40µs
SUPPLY VALID
Figure 7. Start-Up Condition, Supply Slew Rate > 12.5 V/ms
40µs
SUPPLY VALID
MINIMUM RECOMMENDED
OPERATING SUPPLY, 3.0V
MINIMUM VALID SUPPLY, 2.5V
INTERNAL START-UP
THRESHOLD, 2.0V
Figure 8. Start-Up Condition, Supply Slew Rate < 12.5 V/ms
TYPICAL APPLICATION DIAGRAM
Figure 9 shows a typical application circuit including the pull-up
resistors required for both Side 1 and Side 2 buses. Bypass capaci-
tors with values from 0.01 μF to 0.1 μF are required between VDD1
and GND1 and between VDD2 and GND2. The 200 Ω resistor shown
in Figure 9 is required for latch-up immunity if the ambient
temperature can be between 105°C and 125°C.
VDD1
GND1
SDA1
GND2
VDD2
SDA2
ADuM1250
SCL1
SCL2
I2C BUS
1
2
3
4
8
7
6
5
OPTIONAL
200Ω
Figure 9. Typical Isolated I2C Interface Using the ADuM1250


Número de pieza similar - ADuM1250ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1250ARZ AD-ADUM1250ARZ Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250ARZ AD-ADUM1250ARZ Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM1250ARZ-RL7 AD-ADUM1250ARZ-RL7 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250ARZ-RL7 AD-ADUM1250ARZ-RL7 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
More results

Descripción similar - ADuM1250ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com