Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM1250SRZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADuM1250SRZ
Descripción Electrónicos  Hot Swappable, Dual I2C Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM1250SRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM1250SRZ Datasheet HTML 4Page - Analog Devices ADuM1250SRZ Datasheet HTML 5Page - Analog Devices ADuM1250SRZ Datasheet HTML 6Page - Analog Devices ADuM1250SRZ Datasheet HTML 7Page - Analog Devices ADuM1250SRZ Datasheet HTML 8Page - Analog Devices ADuM1250SRZ Datasheet HTML 9Page - Analog Devices ADuM1250SRZ Datasheet HTML 10Page - Analog Devices ADuM1250SRZ Datasheet HTML 11Page - Analog Devices ADuM1250SRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADuM1250/ADuM1251
Data Sheet
Rev. F | Page 8 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD1 1
SDA1 2
SCL1 3
GND1 4
VDD2
8
SDA2
7
SCL2
6
GND2
5
ADuM1250/
ADuM1251
TOP VIEW
(Not to Scale)
Figure 4. ADuM1250/ADuM1251 Pin Configuration
Table 9. ADuM1250 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
DD1
Supply Voltage, 3.0 V to 5.5 V.
2
SDA
1
Data Input/Output, Side 1.
3
SCL
1
Clock Input/Output, Side 1.
4
GND
1
Ground 1. Ground reference for Isolator Side 1.
5
GND
2
Ground 2. Isolated ground reference for Isolator Side 2.
6
SCL
2
Clock Input/Output, Side 2.
7
SDA
2
Data Input/Output, Side 2.
8
V
DD2
Supply Voltage, 3.0 V to 5.5 V.
Table 10. ADuM1251 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
DD1
Supply Voltage, 3.0 V to 5.5 V.
2
SDA
1
Data Input/Output, Side 1.
3
SCL
1
Clock Input, Side 1.
4
GND
1
Ground 1. Ground reference for Isolator Side 1.
5
GND
2
Ground 2. Isolated ground reference for Isolator Side 2.
6
SCL
2
Clock Output, Side 2.
7
SDA
2
Data Input/Output, Side 2.
8
V
DD2
Supply Voltage, 3.0 V to 5.5 V.


Número de pieza similar - ADuM1250SRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1250SRZ AD-ADUM1250SRZ Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM1250SRZ-RL7 AD-ADUM1250SRZ-RL7 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
More results

Descripción similar - ADuM1250SRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com