Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM5201ARWZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADUM5201ARWZ
Descripción Electrónicos  Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM5201ARWZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM5201ARWZ Datasheet HTML 6Page - Analog Devices ADUM5201ARWZ Datasheet HTML 7Page - Analog Devices ADUM5201ARWZ Datasheet HTML 8Page - Analog Devices ADUM5201ARWZ Datasheet HTML 9Page - Analog Devices ADUM5201ARWZ Datasheet HTML 10Page - Analog Devices ADUM5201ARWZ Datasheet HTML 11Page - Analog Devices ADUM5201ARWZ Datasheet HTML 12Page - Analog Devices ADUM5201ARWZ Datasheet HTML 13Page - Analog Devices ADUM5201ARWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADuM5200/ADuM5201/ADuM5202
Data Sheet
Rev. B | Page 10 of 28
IEC 60747-5-2 (VDE 0884, PART 2):2003-01 INSULATION CHARACTERISTICS
These isolators are suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is ensured by
the protective circuits. The asterisk (*) marking branded on the components designates IEC 60747-5-2 (VDE 0884, Part 2):2003-1 approval.
Table 17. VDE Characteristics
Description
Conditions
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
V
IORM
560
V
PEAK
Input-to-Output Test Voltage, Method b1
V
IORM × 1.875 = Vpd (m), 100% production test, tini = tm =
1 sec, partial discharge < 5 pC
V
pd (m)
1050
V
PEAK
Input-to-Output Test Voltage, Method a
After Environmental Tests Subgroup 1
V
IORM × 1.5 = Vpd (m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
V
pd (m)
840
V
PEAK
After Input and/or Safety Test Subgroup 2
and Subgroup 3
V
IORM × 1.2 = Vpd (m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
V
pd (m)
672
V
PEAK
Highest Allowable Overvoltage
V
IOTM
4000
V
PEAK
Withstand Isolation Voltage
1 minute withstand rating
V
ISO
2500
V
RMS
Surge Isolation Voltage
V
PEAK = 6 kV, 1.2 µs rise time, 50 µs, 50% fall time
V
IOSM
6000
V
PEAK
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 5)
Case Temperature
T
S
150
°C
Side 1 I
DD1 Current
I
S1
555
mA
Insulation Resistance at T
S
V
IO = 500 V
R
S
>109
0
100
200
300
400
500
600
0
50
100
150
200
AMBIENT TEMPERATURE (°C)
Figure 5. Thermal Derating Curve, Dependence of Safety Limiting Values on Case Temperature, per DIN EN 60747-5-2
RECOMMENDED OPERATING CONDITIONS
Table 18.
Parameter
Symbol
Min
Max
Unit
Operating Temperature1
T
A
−40
+105
°C
Supply Voltages2
V
DD1 @ VSEL = 0 V
V
DD1
3.0
5.5
V
V
DD1 @ VSEL = VISO
V
DD1
4.5
5.5
V
1 Operation at 105°C requires reduction of the maximum load current as specified in Table 19.
2 Each voltage is relative to its respective ground.


Número de pieza similar - ADUM5201ARWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5201ARWZ AD-ADUM5201ARWZ Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5201ARWZ AD-ADUM5201ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ1 AD-ADUM5201ARWZ1 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5201ARWZ2 AD-ADUM5201ARWZ2 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
More results

Descripción similar - ADUM5201ARWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
ADUM5401CRWZ-RL AD-ADUM5401CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com