Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0603CT-16NXGLW Datasheet(PDF) 1 Page - Coilcraft lnc.

No. de Pieza. 0603CT-16NXGLW
Descripción  Chip Inductors 0603CT (1608)
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo 

0603CT-16NXGLW Datasheet(HTML) 1 Page - Coilcraft lnc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ChipInductors–0603CT(1608)
Document 485-1
SRF
DCR
Inductance2
Percent
900 MHz
1.7 GHz
typ5
max6
Irms7
Part number1
(nH)
tolerance3
L typ
Q typ4
L typ
Q typ4
(GHz)
(Ohms)
(mA)
0603CT-1N0XJL_
1.0
5
0.98
39
0.99
58
16.0
0.045
1600
0603CT-1N2XJL_
1.2
5
1.18
35
1.19
50
16.0
0.105
1100
0603CT-2N0XJL_
2.0
5
1.98
46
1.98
70
12.0
0.034
1900
0603CT-2N2XJL_
2.2
5
2.10
50
2.13
74
10.7
0.046
1600
0603CT-2N3XJL_
2.3
5
2.27
55
2.28
81
11.0
0.046
1600
0603CT-2N5XJL_
2.5
5
2.48
52
2.50
77
11.0
0.060
1300
0603CT-3N0X_L_
3.0
5,2
2.96
57
2.97
82
10.7
0.039
1600
0603CT-3N3X_L_
3.3
5,2
3.27
60
3.33
83
7.00
0.039
1600
0603CT-3N6X_L_
3.6
5,2
3.58
69
3.63
95
7.00
0.044
1600
0603CT-3N9X_L_
3.9
5,2
3.87
68
3.95
90
6.30
0.050
1400
0603CT-4N3X_L_
4.3
5,2
4.26
58
4.34
84
6.30
0.076
1300
0603CT-4N7X_L_
4.7
5,2
4.66
50
4.75
70
5.60
0.120
960
0603CT-5N1X_L_
5.1
5,2
5.12
68
5.18
93
5.50
0.050
1400
0603CT-5N6X_L_
5.6
5,2
5.60
67
5.73
90
5.05
0.058
1300
0603CT-6N8X_L_
6.8
5,2
6.78
60
7.00
81
4.50
0.080
1200
0603CT-7N2X_L_
7.2
5,2
7.19
65
7.44
88
4.50
0.047
1500
0603CT-8N2X_L_
8.2
5,2
8.18
60
8.46
78
4.25
0.075
1300
0603CT-9N5X_L_
9.5
5,2
9.52
63
9.92
80
3.95
0.092
1100
0603CT-10NX_L_
10
5,2
10.0
67
10.4
85
3.95
0.075
1300
0603CT-11NX_L_
11
5,2
11.0
66
11.5
86
4.00
0.110
1000
0603CT-12NX_L_
12
5,2
12.0
68
12.7
85
3.50
0.130
920
0603CT-15NX_L_
15
5,2
15.2
65
16.1
80
3.30
0.145
800
0603CT-16NX_L_
16
5,2
16.3
63
17.5
76
3.10
0.175
760
0603CT-18NX_L_
18
5,2
18.1
66
19.2
80
2.95
0.200
720
0603CT-20NX_L_
20
5,2
20.2
67
21.6
80
2.90
0.175
760
0603CT-22NX_L_
22
5,2
22.4
60
24.3
70
2.75
0.220
700
0603CT-24NX_L_
24
5,2
24.4
61
26.5
72
2.70
0.240
680
0603CT-27NX_L_
27
5,2
27.4
62
29.8
75
2.55
0.270
670
0603CT-30NX_L_
30
5,2
30.5
62
33.9
73
2.45
0.330
600
0603CT-33NX_L_
33
5,2
34.0
55
39.1
61
2.20
0.330
600
0603CT-36NX_L_
36
5,2
37.2
61
42.3
63
2.30
0.335
600
0603CT-39NX_L_
39
5,2
40.3
60
45.3
65
2.25
0.400
570
0603CT-43NX_L_
43
5,2
44.5
57
51.3
60
2.10
0.440
530
0603CT-47NX_L_
47
5,2
48.2
55
57.8
57
1.90
0.540
470
0603CT-51NX_L_
51
5,2
53.0
55
63.2
55
1.85
0.570
440
0603CT-56NX_L_
56
5,2
59.4
54
75.4
48
1.75
0.700
420
1. When ordering, specify
tolerance, termination and packaging codes:
0603CT-56NXGLW
Tolerance:
G = 2% J = 5% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
E = Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: W = 7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter W instead.
2. Inductance measured at 250 MHz, 0.1 Vrms, 0 Adc using Coilcraft SMD-
A fixture in Agilent/HP 4287A impedance analyzer.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using Agilent/HP4291A with Agilent/HP 16193 test fixture.
5. SRF measured using Agilent/HP 8722ES network analyzer and Coilcraft
SMD-D test fixture.
6. DCR measured on Cambridge Technology micro-ohmmeter and Coil-
craft CCF858 test fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Verylowprofile–only60%oftheheightofourother0603
inductor series
• ExcellentQ,lowDCRandveryhighSRF
Designer’s Kit C423 contains 10 each of all stocked 5%
values and
Designer’s Kit C423-2 contains 10 each of
all 2% values.
Document 485-1 Revised 02/19/13


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn