Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL32493EIBZ Datasheet(PDF) 9 Page - Intersil Corporation |
|
ISL32493EIBZ Datasheet(HTML) 9 Page - Intersil Corporation |
9 / 22 page ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E 9 FN7786.2 March 16, 2012 tZL(SHDN) Receiver Enable from Shutdown to Output Low RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8), (Notes 11, 13) Full - - 2000 ns RECEIVER SWITCHING CHARACTERISTICS (15Mbps Versions; ISL32496E, ISL32498E) fMAX Maximum Data Rate -25V ≤ VCM ≤ 25V (Figure 7) Full 15 25 - Mbps tPLH, tPHL Receiver Input to Output Delay -25V ≤ VCM ≤ 25V (Figure 7) Full - 35 70 ns tSKD Receiver Skew |tPLH -tPHL|(Figure 7) Full - 4 10 ns tZL Receiver Enable to Output Low RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8), (Note 10) Full - - 50 ns tZH Receiver Enable to Output High RL = 1kΩ, CL = 15pF, SW = GND (Figure 8), (Note 10) Full - - 50 ns tLZ Receiver Disable from Output Low RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8) Full - - 50 ns tHZ Receiver Disable from Output High RL = 1kΩ, CL = 15pF, SW = GND (Figure 8) Full - - 50 ns tSHDN Time to Shutdown (Note 11) Full 60 160 600 ns tZH(SHDN) Receiver Enable from Shutdown to Output High RL = 1kΩ, CL = 15pF, SW = GND (Figure 8), (Notes 11, 13) Full - - 2000 ns tZL(SHDN) Receiver Enable from Shutdown to Output Low RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8), (Notes 11, 13) Full - - 2000 ns NOTES: 6. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified. 7. Supply current specification is valid for loaded drivers when DE = 0V. 8. Applies to peak current. See “Typical Performance Curves” beginning on page 14 for more information. 9. Keep RE = 0 to prevent the device from entering SHDN. 10. The RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN. 11. Transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 60ns, the parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered shutdown. See “Low Power Shutdown Mode” on page 13. 12. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN. 13. Set the RE signal high time >600ns to ensure that the device enters SHDN. 14. Compliance to data sheet limits is assured by one or more methods: production test, characterization and/or design. 15. Tested according to TIA/EIA-485-A, Section 4.2.6 (±80V for 15µs at a 1% duty cycle). 16. See “Caution” statement below the “Latch-up (Tested per JESD78, Level 2, Class A) +125°C” section on page 5. Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C (Note 6). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued) SYMBOL PARAMETER TEST CONDITIONS TEMP (°C) MIN (Note 14) TYP MAX (Note 14) UNITS |
Número de pieza similar - ISL32493EIBZ |
|
Descripción similar - ISL32493EIBZ |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |