Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DL4728 Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza DL4728
Descripción Electrónicos  1 Watt Zener Diode 3.3 to 75 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4728 Datasheet(HTML) 2 Page - Micro Commercial Components

  DL4728_08 Datasheet HTML 1Page - Micro Commercial Components DL4728_08 Datasheet HTML 2Page - Micro Commercial Components DL4728_08 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS @25
°C
MCC
PART
NUMBER
ZENER
VOLTAGE
VZ
TEST
CURRENT
IZT
MAXIMUM
DYNAMIC
IMPEDANCE
ZZT @ IZT
MAXIMUM
REVERSE
CURRENT
IR @ VR
TEST
VOLTAGE
VR
MAXIMUM
REGULATOR
CURRENT
IZM
TA = 50
°C
MAXIMUM
KNEE
IMPEDANCE
ZZK @ IZK
TEST
CURRENT
IZK
MAXIMUM
SURGE
CURRENT
IS
VOLTS
mA
OHMS
µA
VOLTS
mA
OHMS
mA
mA
DL4728
3.3
76
10
100
1
276
400
1.0
1280
DL4729
3.6
69
10
100
1
252
400
1.0
1260
DL4730
3.9
64
9
50
1
234
400
1.0
1190
DL4731
4.3
58
9
10
1
217
400
1.0
1070
DL4732
4.7
53
8
10
1
193
500
1.0
970
DL4733
5.1
49
7
10
1
178
550
1.0
890
DL4734
5.6
45
5
10
2
162
600
1.0
810
DL4735
6.2
41
2
10
3
146
700
1.0
730
DL4736
6.8
37
3.5
10
4
133
700
1.0
660
DL4737
7.5
34
4.0
10
5
121
700
0.5
605
DL4738
8.2
31
4.5
10
6
110
700
0.5
550
DL4739
9.1
28
5.0
10
7
100
700
0.5
500
DL4740
10
25
7
10
7.6
91
700
0.25
454
DL4741
11
23
8
5
8.4
83
700
0.25
414
DL4742
12
21
9
5
9.1
76
700
0.25
380
DL4743
13
19
10
5
9.9
69
700
0.25
344
DL4744
15
17
14
5
11.4
61
700
0.25
304
DL4745
16
15.5
16
5
12.2
57
700
0.25
285
DL4746
18
14
20
5
13.7
50
750
0.25
250
DL4747
20
12.5
22
5
15.2
45
750
0.25
225
DL4748
22
11.5
23
5
16.7
41
750
0.25
205
DL4749
24
10.5
25
5
18.2
38
750
0.25
190
DL4750
27
9.5
35
5
20.6
34
750
0.25
170
DL4751
30
8.5
40
5
22.8
30
1000
0.25
150
DL4752
33
7.5
45
5
25.1
27
1000
0.25
135
DL4753
36
7.0
50
5
27.4
25
1000
0.25
125
DL4754
39
6.5
60
5
29.7
23
1000
0.25
115
DL4755
43
6.0
70
5
32.7
22
1500
0.25
110
DL4756
47
5.5
80
5
35.8
19
1500
0.25
95
DL4757
51
5.0
95
5
38.8
18
1500
0.25
90
DL4758
56
4.5
110
5
42.6
16
2000
0.25
80
DL4759
62
4.0
125
5
47.1
14
2000
0.25
70
DL4760
68
3.7
150
5
51.7
13
2000
0.25
65
DL4761
75
3.3
175
5
56.0
12
2000
0.25
60
NOTE 1 The JEDEC type numbers shown have A 5% tolerance on nominal zener voltage.
No suffix signifies
10% tolerance, A signifies 5% tolerance, C signifies 2% tolerance.
NOTE 2 The zener impedance is derived from the 60Hz AC voltage, which results when an AC current having an rms value equal to
10% of the DC zener current (Izt or Izk) is superimposed on Izt or Izk. Zener impedance is measured at two points to insure
a sharp knee on the breakdown curve and eliminate unstable units.
NOTE 3 The reverse surge current is measured at 25
oC ambient using a 1/2 square wave or equivalent sine wave pulse 1/120 second
duration superimposed on Izt
NOTE 4 Voltage measurements to be performed 90 seconds after application of DC current.
DL4728 thru DL4761
Revision: B
2011/09/06
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
M C C


Número de pieza similar - DL4728_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
DL4728-TP MCC-DL4728-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
logo
Diotech Company.
DL4728A DIOTECH-DL4728A Datasheet
902Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Micro Commercial Compon...
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
logo
Rectron Semiconductor
DL4728A RECTRON-DL4728A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Yangzhou yangjie electr...
DL4728A YANGJIE-DL4728A Datasheet
191Kb / 3P
   Zener Diodes
More results

Descripción similar - DL4728_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4728A MCC-SMAJ4728A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4744A-TP MCC-SMAJ4744A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
1N4728 MCC-1N4728_11 Datasheet
209Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
SMAJ4728A MCC-SMAJ4728A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 3.3 to 4.7 Volts
ERD75F MCC-ERD75F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com