Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC124FR-10L Datasheet(PDF) 2 Page - YAGEO Corporation |
|
TC124FR-10L Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 9 page SERIES YC/TC 124 (RoHS Compliant) Chip Resistor Surface Mount www.yageo.com Mar 09, 2011 V.3 Product specification 2 9 Y YA AG GE EO O B BR RA AN ND D oorrddeerriinngg ccooddee GLOBAL PART NUMBER (PREFERRED) YC 124 – X X X XX XXXX L TC (1) (2) (3) (4) (5) (6) (1) TOLERANCE F = ±1% J = ±5% (for Jumper ordering, use code of J) (2) PACKAGING TYPE R = Paper taping reel (3) TEMPERATURE COEFFICIENT OF RESISTANCE – = Based on spec (4) TAPING REEL 07 = 7 inch dia. Reel 10 = 10 inch dia. Reel 13 = 13 inch dia. Reel (5) RESISTANCE VALUE There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need to mention the last zero after R/K/M, e.g.1K2, not 1K20. Detailed resistance rules show in table of “Resistance rule of global part number”. (6) DEFAULT CODE Letter L is the system default code for ordering only. (Note) ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC Both part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. SCOPE This specification describes YC124 (convex) and TC124 (concave) series chip resistor arrays with lead-free terminations made by thick film process. APPLICATIONS Terminal for SDRAM and DDRAM Computer applications: laptop computer, desktop computer Consume electronic equipment: PDAs, PNDs Mobile phone, telecom… FEATURES RoHS compliant - Products with lead free terminations meet RoHS requirements - Pb-glass contained in electrodes - Resistor element and glass are exempted by RoHS Reduce environmentally hazardous wastes High component and equipment reliability Save of PCB space None forbidden-materials used in products/production Halogen Free Epoxy ORDERING EXAMPLE The ordering code of a YC124 convex chip resistor array, value 1,000 X with ±5% tolerance, supplied in 7-inch tape reel is: YC124-JR-071KL. NOTE 1. All our RSMD products meet RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process" 2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART NUMBER / 12NC can be added (both are on customer request) Resistance rule of global part number Resistance code rule Example 0R 0R = Jumper XRXX (1 to 9.76 Ω) 1R = 1 Ω 1R5 = 1.5 Ω 9R76 = 9.76 Ω XXRX (10 to 97.6 Ω) 10R = 10 Ω 97R6 = 97.6 Ω XXXR (100 to 976 Ω) 100R = 100 Ω XKXX (1 to 9.76 KΩ) 1K = 1,000 Ω 9K76 = 9760 Ω XMXX (1 to 9.76 MΩ) 1M = 1,000,000 Ω 9M76= 9,760,000 Ω |
Número de pieza similar - TC124FR-10L |
|
Descripción similar - TC124FR-10L |