Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3352BZCZD80 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM3352BZCZD80
Descripción Electrónicos  Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AM3352BZCZD80 Datasheet(HTML) 2 Page - Texas Instruments

  AM3352BZCZD80 Datasheet HTML 1Page - Texas Instruments AM3352BZCZD80 Datasheet HTML 2Page - Texas Instruments AM3352BZCZD80 Datasheet HTML 3Page - Texas Instruments AM3352BZCZD80 Datasheet HTML 4Page - Texas Instruments AM3352BZCZD80 Datasheet HTML 5Page - Texas Instruments AM3352BZCZD80 Datasheet HTML 6Page - Texas Instruments AM3352BZCZD80 Datasheet HTML 7Page - Texas Instruments AM3352BZCZD80 Datasheet HTML 8Page - Texas Instruments AM3352BZCZD80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Locate Addresses of Data Errors from
Week) and Time (Hours-Minutes-Seconds)
Syndrome Polynomials Generated Using
Information
a BCH Algorithm
– Internal 32.768-kHz Oscillator, RTC Logic
Supports 4-Bit, 8-Bit, and 16-Bit per 512-
and 1.1-V Internal LDO
byte Block Error Location Based on BCH
– Independent Power-on-Reset
Algorithms
(RTC_PWRONRSTn) Input
• Programmable Real-Time Unit and Industrial
– Dedicated Input Pin (EXT_WAKEUP) for
Communication Subsystem (PRU-ICSS)
External Wake Events
– Supports protocols such as EtherCAT®,
– Programmable Alarm Can be Used to
PROFIBUS, PROFINET, EtherNet/IP™, and
Generate Internal Interrupts to the PRCM (for
more
Wake Up) or Cortex-A8 (for Event
– Peripherals Inside the PRU-ICSS
Notification)
One UART Port with Flow Control Pins,
– Programmable Alarm Can be Used with
Supports Up to 12 Mbps
External Output (PMIC_POWER_EN) to
Enable the Power Management IC to Restore
Two MII Ethernet Ports that Support
Non-RTC Power Domains
Industrial Ethernet, such as EtherCAT
• Peripherals
One MDIO Port
– Up to Two USB 2.0 High-Speed OTG Ports
One Enhanced Capture (eCAP) Module
with Integrated PHY
• Power Reset and Clock Management (PRCM)
– Up to Two Industrial Gigabit Ethernet MACs
Module
(10, 100, 1000 Mbps)
– Controls the entry and Exit of Stand-By and
Integrated Switch
Deep-Sleep Modes
Each MAC Supports MII, RMII, RGMII and
– Responsible for Sleep Sequencing, Power
MDIO Interfaces
Domain Switch-Off Sequencing, Wake-Up
Sequencing and Power Domain Switch-On
Ethernet MACs and Switch Can Operate
Sequencing
Independent of Other Functions
– Clocks
IEEE 1588v2 Precision Time Protocol
(PTP)
Integrated 15-35 MHz High-Frequency
Oscillator Used to Generate a Reference
– Up to Two Controller-Area Network (CAN)
Clock for Various System and Peripheral
Ports
Clocks
Supports CAN Version 2 Parts A and B
Supports Individual Clock Enable and
– Up to Two Multichannel Audio Serial Ports
Disable Control for Subsystems and
(McASP)
Peripherals to Facilitate Reduced Power
Transmit and Receive Clocks Up to 50
Consumption
MHz
Five ADPLLs to Generate System Clocks
Up to Four Serial Data Pins per McASP
(MPU Subsystem, DDR Interface, USB
Port with Independent TX and RX Clocks
and Peripherals [MMC and SD, UART,
Supports Time Division Multiplexing
SPI, I2C], L3, L4, Ethernet, GFX [SGX530],
(TDM), Inter-IC Sound (I2S), and similar
LCD Pixel Clock)
Formats
– Power
Supports Digital Audio Interface
Two Non-Switchable Power Domains
Transmission (SPDIF, IEC60958-1, and
(Real-Time Clock [RTC], Wake-Up Logic
AES-3 Formats)
[WAKE-UP])
FIFO Buffers for Transmit and Receive
Three Switchable Power Domains (MPU
(256 bytes)
Subsystem [MPU], SGX530 [GFX],
– Up to Six UARTs
Peripherals and Infrastructure [PER])
All UARTs Support IrDA and CIR Modes
Implements SmartReflex™ Class 2B for
All UARTs Support RTS and CTS Flow
Core Voltage Scaling Based On Die
Control
Temperature, Process Variation and
UART1 Supports Full Modem control
Performance (Adaptive Voltage Scaling
– Up to Two Master and Slave McSPI Serial
[AVS])
Interfaces
Dynamic Voltage Frequency Scaling
Up to Two Chip Selects
(DVFS)
Up to 48 MHz
• Real-Time Clock (RTC)
– Up to Three MMC, SD, and SDIO Ports
– Real-Time Date (Day-Month-Year-Day of
2
Device Summary
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352


Número de pieza similar - AM3352BZCZD80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3352BZCZD80 TI1-AM3352BZCZD80 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZD80 TI1-AM3352BZCZD80 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZD80 TI1-AM3352BZCZD80 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZD80 TI1-AM3352BZCZD80 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZD80 TI1-AM3352BZCZD80 Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

Descripción similar - AM3352BZCZD80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com