Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD4049UBDW Datasheet(PDF) 3 Page - Texas Instruments |
|
|
CD4049UBDW Datasheet(HTML) 3 Page - Texas Instruments |
3 / 38 page 3 Absolute Maximum Ratings Thermal Information Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . -0.5V to 20V DC Input Current, Any One Input. . . . . . . . . . . . . . . . . . . . . . ±10mA Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC Package Thermal Impedance, θJA (see Note1): E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67oC/W D (SOIC) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73oC/W DW (SOIC) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57oC/W NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64oC/W PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . 108oC/W Maximum Junction Temperature (Plastic Package) . . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . . 65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .265oC SOIC - Lead Tips Only CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. The package thermal impedance is calculated in accordance with JESD 51-7. DC Electrical Specifications PARAMETER TEST CONDITIONS LIMITS AT INDICATED TEMPERATURE (oC) UNITS -55 -40 85 125 25 VO (V) VIN (V) VCC (V) MIN TYP MAX Quiescent Device Current IDD (Max) - 0,5 5 1 1 30 30 - 0.02 1 µA - 0,10 10 2 2 60 60 - 0.02 2 µA - 0,15 15 4 4 120 120 - 0.02 4 µA - 0,20 20 20 20 600 600 - 0.04 20 µA Output Low (Sink) Current IOL (Min) 0.4 0,5 4.5 3.3 3.1 2.1 1.8 2.6 5.2 - mA 0.4 0,5 5 4 3.8 2.9 2.4 3.2 6.4 - mA 0.5 0,10 10 10 9.6 6.6 5.6 8 16 - mA 1.5 0,15 15 26 25 20 18 24 48 - mA Output High (Source) Current IOH (Min) 4.6 0,5 5 -0.81 -0.73 -0.58 -0.48 -0.65 -1.2 - mA 2.5 0,5 5 -2.6 -2.4 -1.9 -1.55 -2.1 -3.9 - mA 9.5 0,10 10 -2.0 -1.8 -1.35 -1.18 -1.65 -3.0 - mA 13.5 0,15 15 -5.2 -4.8 -3.5 -3.1 -4.3 -8.0 - mA Out Voltage Low Level VOL (Max) - 0,5 5 0.05 0.05 0.05 0.05 - 0 0.05 V - 0,10 10 0.05 0.05 0.05 0.05 - 0 0.05 V - 0,15 15 0.05 0.05 0.05 0.05 - 0 0.05 V Output Voltage High Level VOH (Min) - 0,5 5 4.95 4.95 4.95 4.95 4.95 5 - V - 0,10 10 9.95 9.95 9.95 9.95 9.95 10 - V - 0,15 15 14.95 14.95 14.95 14.95 14.95 15 - V Input Low Voltage, VIL (Max) CD4049UB 4.5 - 5 1 1 1 1 - - 1 V 9 - 10 2222 - - 2 V 13.5 - 15 2.5 2.5 2.5 2.5 - - 2.5 V Input Low Voltage, VIL (Max) CD4050B 0.5 - 5 1.5 1.5 1.5 1.5 - - 1.5 V 1 - 10 3333 - - 3 V 1.5 - 15 4 4 4 4 - - 4 V CD4049UB, CD4050B |
Número de pieza similar - CD4049UBDW |
|
Descripción similar - CD4049UBDW |